Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH16373 Datasheet (PDF) - NXP Semiconductors

74ALVCH16373 Datasheet PDF - NXP Semiconductors
Part # 74ALVCH16373
Download  74ALVCH16373 Download
File Size   96.74 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5V/3.3V 16-bit D-type transparent latch 3-State

74ALVCH16373 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH16373 Datasheet PDF - NXP Semiconductors

Part # 74ALVCH16373
Download  74ALVCH16373 Click to download

File Size   96.74 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5V/3.3V 16-bit D-type transparent latch 3-State

74ALVCH16373 Datasheet (HTML) - NXP Semiconductors


74ALVCH16373 Product details

DESCRIPTION
The 74ALVCH16373 is a 16-bit D-type transparent latch featuring separate D-type inputs for each latch and 3-State outputs for bus oriented applications. Incorporates bus hold data inputs which eliminate the need for external pull-up or pull-down resistors to hold unused inputs. One latch enable (LE) input and one output enable (OE) are provided per 8-bit section.
The 74ALVCH16373 consists of 2 sections of eight D-type transparent latches with 3-State true outputs. When LE is HIGH, data at the Dn inputs enter the latches. In this condition the latches are transparent, i.e., a latch output will change each time its corresponding D-input changes.
When LE is LOW the latches store the information that was present at the D-inputs a set-up time preceding the HIGH-to-LOW transition of LE. When OE is LOW, the contents of the eight latches are available at the outputs. When OE is HIGH, the outputs go to the high impedance OFF-state. Operation of the OE input does not affect the state of the latches.

FEATURES
• Wide supply voltage range of 1.2V to 3.6V
• Complies with JEDEC standard no. 8-1A
• CMOS low power consumption
• MULTIBYTETM flow-through standard pin-out architecture
• Low inductance multiple VCC and ground pins for minimum noise
   and ground bounce
• Direct interface with TTL levels
• All data inputs have bus hold
• Output drive capability 50Ω transmission lines @ 85°C
• Current drive ±24 mA at 3.0 V




Similar Part No. - 74ALVCH16373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
Low Voltage 16-Bit Transparent Latch with Bushold
logo
ON Semiconductor
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
logo
STMicroelectronics
74ALVCH16373 STMICROELECTRONICS-74ALVCH16373 Datasheet
279Kb / 11P
LOW VOLTAGE CMOS 16-BITD-TYPE LATCH (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
logo
NXP Semiconductors
74ALVCH16373 PHILIPS-74ALVCH16373 Datasheet
128Kb / 18P
2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 6-10 July 2012
logo
Nexperia B.V. All right...
74ALVCH16373 NEXPERIA-74ALVCH16373 Datasheet
238Kb / 14P
2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 8 - 22 November 2021
More results


Similar Description - 74ALVCH16373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16373 PHILIPS-74ALVT16373 Datasheet
99Kb / 12P
2.5V/3.3V 16-bit transparent D-type latch 3-State
1999 Oct 18
74LVT16373A PHILIPS-74LVT16373A Datasheet
86Kb / 10P
3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
74LVT573 PHILIPS-74LVT573 Datasheet
99Kb / 12P
3.3V Octal D-type transparent latch 3-State
1998 Feb 19
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVT16373_3 PHILIPS-74ALVT16373_3_15 Datasheet
116Kb / 12P
2.5V/3.3V 16-bit transparent D-type latch (3-State)
1999 Oct 18
logo
Integrated Device Techn...
IDT74LVC16373A IDT-IDT74LVC16373A_15 Datasheet
106Kb / 6P
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
IDT74LVCH162373A IDT-IDT74LVCH162373A Datasheet
223Kb / 6P
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
logo
Nexperia B.V. All right...
74ALVT16373 NEXPERIA-74ALVT16373 Datasheet
243Kb / 14P
16-bit transparent D-type latch; 3-state
Rev. 5 - 14 July 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com