Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1330YL Datasheet (PDF) - Dallas Semiconductor

DS1330YL Datasheet PDF - Dallas Semiconductor
Part # DS1330YL
Download  DS1330YL Download
File Size   219.54 Kbytes
Page   9 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 256K Nonvolatile SRAM with Battery Monitor

DS1330YL Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1330YL Datasheet PDF - Dallas Semiconductor

Part # DS1330YL
Download  DS1330YL Click to download

File Size   219.54 Kbytes
Page   9 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 256K Nonvolatile SRAM with Battery Monitor

DS1330YL Datasheet (HTML) - Dallas Semiconductor


DS1330YL Product details

DESCRIPTION
The DS1330 256K Nonvolatile SRAMs are 262,144–bit, fully static, nonvolatile SRAMs organized as 32,768 words by eight bits. Each NV SRAM has a self–contained lithium energy source and control circuitry which constantly monitors VCC for an out–of–tolerance condition. When such a condition occurs, the lithium energy source is automatically switched on and write protection is unconditionally enabled to prevent data corruption.

FEATURES
• Built–in lithium battery provides more than 10 years of data retention
• Data is automatically protected during VCC power loss
• Power supply monitor resets processor when VCC power loss occurs and holds processor in reset during VCC ramp–up
• Battery monitor checks remaining capacity daily
• Read and write access times as fast as 70 ns
• Unlimited write cycle endurance
• Typical standby current 50 µA
• Upgrade for 32K x 8 SRAM, EEPROM or Flash devices
• Lithium battery is electrically disconnected to retain freshness until power is applied for the first time
• Full ±10% VCC operating range (DS1330YL) or optional ±5% VCC operating range (DS1330BL)
• Low Profile Module package fits into standard 68–pin surface mountable PLCC sockets
• Optional industrial temperature range of –40°C to +85°C, designated IND




Similar Part No. - DS1330YL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1330YL MAXIM-DS1330YL Datasheet
386Kb / 9P
256K Nonvolatile SRAM with Battery Monitor
022598
More results


Similar Description - DS1330YL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1330W DALLAS-DS1330W Datasheet
107Kb / 11P
3.3V 256K Nonvolatile SRAM with Battery Monitor
DS1345Y DALLAS-DS1345Y Datasheet
211Kb / 12P
1024k Nonvolatile SRAM with Battery Monitor
DS1350Y DALLAS-DS1350Y Datasheet
228Kb / 12P
4096k Nonvolatile SRAM with Battery Monitor
DS1330AB DALLAS-DS1330AB Datasheet
191Kb / 11P
256k Nonvolatile SRAM with Battery Monitor
DS1345BL DALLAS-DS1345BL Datasheet
219Kb / 9P
1024K Nonvolatile SRAM with Battery Monitor
DS1330Y DALLAS-DS1330Y_10 Datasheet
217Kb / 10P
256k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1350YL MAXIM-DS1350YL Datasheet
387Kb / 9P
4096K Nonvolatile SRAM with Battery Monitor
022598
DS1330YL MAXIM-DS1330YL Datasheet
386Kb / 9P
256K Nonvolatile SRAM with Battery Monitor
022598
DS1330W MAXIM-DS1330W Datasheet
224Kb / 10P
3.3V 256k Nonvolatile SRAM with Battery Monitor
19-5590; Rev 10/10
DS1330AB MAXIM-DS1330AB Datasheet
217Kb / 10P
256k Nonvolatile SRAM with Battery Monitor
19-5593; Rev 10/10
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com