Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLX9160T Datasheet (PDF) - Toshiba Semiconductor

TLX9160T Datasheet PDF - Toshiba Semiconductor
Part # TLX9160T
Download  TLX9160T Download
File Size   511.9 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler Photorelay

TLX9160T Datasheet (PDF)

Go To PDF Page Download Datasheet
TLX9160T Datasheet PDF - Toshiba Semiconductor

Part # TLX9160T
Download  TLX9160T Click to download

File Size   511.9 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler Photorelay

TLX9160T Datasheet (HTML) - Toshiba Semiconductor


TLX9160T Product details

Battery Control in Automotive Equipment
Fuel Battery Control in Automotive Equipment
Application for Electrical Vehicle

The Toshiba TLX9160T consists of an infrared emitting diode optically
coupled to a photo-MOSFET in a SO16L-T package.
This coupler uses high voltage MOSFET between output terminals.
It adequate for the automotive control applications with a battery voltage
of 1000V or less in an environment with a pollution degree 2 since the
creepage distance on the detector side is 5mm or more.

• Normally open (1-Form-A) device
• Peak off-state voltage: 1500 V (min)
• Trigger LED current: 3 mA (max)
• On-state current: 50 mA (max)
• On-state resistance: 250 Ω (max)(@ t < 1 s)
• Isolation voltage: 5000 Vrms (min)
• Clearance distance: 8mm (min)
• Creepage distance: 8mm (min)
• Insulation thickness: 0.4mm (min)
• Outer resin: CTI>600
• AEC-Q101 qualified




Similar Part No. - TLX9160T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLX9161T TOSHIBA-TLX9161T Datasheet
323Kb / 8P
Photocouplers Photorelay
2025-05-21 Rev.1.0
TLX9165T TOSHIBA-TLX9165T Datasheet
333Kb / 8P
Photocouplers Photorelay
2025-05-19 Rev.2.0
More results


Similar Description - TLX9160T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP176GA TOSHIBA-TLP176GA Datasheet
158Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP172G TOSHIBA-TLP172G Datasheet
138Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP4027G TOSHIBA-TLP4027G Datasheet
164Kb / 7P
TOSHIBA Photocoupler Photorelay
TLP202G TOSHIBA-TLP202G Datasheet
131Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP4197G TOSHIBA-TLP4197G Datasheet
156Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTORELAY
TLP592A TOSHIBA-TLP592A_14 Datasheet
250Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP4597G TOSHIBA-TLP4597G_14 Datasheet
250Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP170A TOSHIBA-TLP170A Datasheet
350Kb / 6P
TOSHIBA Photocoupler Photorelay
2019-06-17
TLP4026G TOSHIBA-TLP4026G Datasheet
399Kb / 8P
TOSHIBA Photocoupler Photorelay
2019-06-24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com