Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL17150-10B Datasheet (PDF) - Diodes Incorporated

AL17150-10B Datasheet PDF - Diodes Incorporated
Part # AL17150-10B
Download  AL17150-10B Download
File Size   571.67 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH VOLTAGE STEP-DOWN SWITCHER UP TO 300mA OUTPUT CURRENT

AL17150-10B Datasheet (PDF)

Go To PDF Page Download Datasheet
AL17150-10B Datasheet PDF - Diodes Incorporated

Part # AL17150-10B
Download  AL17150-10B Click to download

File Size   571.67 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH VOLTAGE STEP-DOWN SWITCHER UP TO 300mA OUTPUT CURRENT

AL17150-10B Datasheet (HTML) - Diodes Incorporated


AL17150-10B Product details

Features
- Universal 85 to 265 VAC Input Range
- Internal MOSFET: 500V/1A
- Tight VFB tolerance ±4%
- Maximum 300mA Rated Output Current
- No Load Power Consumption: < 50mW with External Bias
- Frequency Modulation to Suppress EMI
- Under Voltage Lock Out (UVLO)
- Output Short Protection
- Over Load Protection;
- Thermal Shutdown (TSD)
- Fewer Components
- Low Audible Noise Solution
- SO-7 Package
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- IoT Connected Lighting Applications
- Home Appliance Applications
- Industrial Controls
- Standby and Auxiliary




Similar Part No. - AL17150-10B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL17 ETC2-AL17 Datasheet
722Kb / 6P
Lock Kit for Cla mp Cover Junction Boxes
logo
Pentair Equipment Prote...
AL17 HOFFMANPRODUCTS-AL17 Datasheet
697Kb / 6P
Locks, Lockouts, Latches, Ha ndles and Clamps
logo
DFI Inc
AL170 DFI-AL170 Datasheet
1Mb / 2P
Intel Atom® Processor E3900 Series Mini-ITX
AL170-CB-E3940 DFI-AL170-CB-E3940 Datasheet
1Mb / 2P
Intel Atom® Processor E3900 Series Mini-ITX
AL170-CB-E3950 DFI-AL170-CB-E3950 Datasheet
1Mb / 2P
Intel Atom® Processor E3900 Series Mini-ITX
More results


Similar Description - AL17150-10B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM1577 NSC-LM1577 Datasheet
889Kb / 27P
SIMPLE SWITCHER Step-Up Voltage Regulator
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
SIMPLE SWITCHER 3A Step-Down Voltage Regulator
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
Simple Switcher 3A Step- Down Voltage Regulator
logo
Wuxi Youda electronics ...
YD2576 YOUDA-YD2576 Datasheet
84Kb / 3P
SIMPLE SWITCHER 3A STEP-DOWN VOLTAGE
logo
YOBON TECHNOLOGIES,INC.
YB1316 YOBON-YB1316 Datasheet
173Kb / 3P
Step-Up/ Step-Down / Fixed Output Application
logo
Gamma Microelectronics ...
GM6250H GAMMA-GM6250H Datasheet
523Kb / 9P
Maximum output current up 300mA
logo
Texas Instruments
TPS54327 TI1-TPS54327_15 Datasheet
1Mb / 29P
Output Single Synchronous Step-Down Switcher
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com