Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

009296003402806 Datasheet (PDF) - Kyocera Kinseki Corpotation

009296003402806 Datasheet PDF - Kyocera Kinseki Corpotation
Part # 009296003402806
Download  009296003402806 Download
File Size   613.98 Kbytes
Page   2 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description POKE-HOME: HORIZONTAL CONNECTOR 4MM PITCH

009296003402806 Datasheet (PDF)

Go To PDF Page Download Datasheet
009296003402806 Datasheet PDF - Kyocera Kinseki Corpotation

Part # 009296003402806
Download  009296003402806 Click to download

File Size   613.98 Kbytes
Page   2 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description POKE-HOME: HORIZONTAL CONNECTOR 4MM PITCH

009296003402806 Datasheet (HTML) - Kyocera Kinseki Corpotation


009296003402806 Product details

FEATURES AND BENEFITS
• Simple strip and poke-home wire insertion with easy twist and pull
wire extraction
• 3mm height achieves the lowest height possible for this AWG range
• Accepts 18-26 AWG solid and stranded wires or jumper pins
• Dual spring beam box contact provides maximum mechanical stability and
wire retention
• Optional visibility windows allow visual verification of full wire insertion.
• UL approved

APPLICATIONS
• Machine Controls: motors, drives, solenoids, sensors, fans and pumps
• Commercial Buildings: controls, security, fire and sensors
• Smart Grid: meters, breakers and panels
• SSL/LED: bulbs, fixtures, signage and streetlights




Similar Part No. - 009296003402806

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
009296003503206 KSS-009296003503206 Datasheet
1Mb / 8P
POKE-HOME: INVERTED THRU BOARD
090721
009296003503306 KSS-009296003503306 Datasheet
1Mb / 8P
POKE-HOME: INVERTED THRU BOARD
090721
009296003503406 KSS-009296003503406 Datasheet
1Mb / 8P
POKE-HOME: INVERTED THRU BOARD
090721
009296003503506 KSS-009296003503506 Datasheet
1Mb / 8P
POKE-HOME: INVERTED THRU BOARD
090721
009296003503606 KSS-009296003503606 Datasheet
1Mb / 8P
POKE-HOME: INVERTED THRU BOARD
090721
More results


Similar Description - 009296003402806

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009276001021006 AVX-009276001021006 Datasheet
704Kb / 8P
Discrete Wire-to-Board; Poke-Home
logo
Tyco Electronics
2008563-2 MACOM-2008563-2 Datasheet
59Kb / 1P
POKE-IN CONNECTOR ASSEMBLY
logo
AVX Corporation
009276008021106 AVX-009276008021106 Datasheet
704Kb / 8P
Discrete Wire-to-Board; Poke-Home
009286002021106 AVX-009286002021106 Datasheet
1Mb / 9P
POKE HOME
logo
Winchester Electronics ...
RP25W3P-12-TD WINCHESTER-RP25W3P-12-TD Datasheet
49Kb / 1P
25W3P POKE HOME D-SUB HOUSING
logo
AVX Corporation
709296001102006 AVX-709296001102006 Datasheet
1Mb / 6P
Poke-Home: Micro Single Vertical Contact
709296001103006 AVX-709296001103006 Datasheet
1Mb / 6P
Poke-Home: Single Vertical Contact
00-9296 AVX-00-9296 Datasheet
1Mb / 8P
Poke-Home: Low Profile Horizontal
70-9296 AVX-70-9296 Datasheet
1Mb / 6P
Poke-Home: Single Vertical Contact 18-24 AWG:WTB
logo
Kyocera Kinseki Corpota...
00-9296 KSS-00-9296 Datasheet
1Mb / 8P
POKE-HOME: INVERTED THRU BOARD
090721
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com