Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOGF40D65L1L Datasheet (PDF) - Alpha & Omega Semiconductors

AOGF40D65L1L Datasheet PDF - Alpha & Omega Semiconductors
Part # AOGF40D65L1L
Download  AOGF40D65L1L Download
File Size   518.04 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 650V, 40A FRD Soft and Fast Recovery Diode

AOGF40D65L1L Datasheet (PDF)

Go To PDF Page Download Datasheet
AOGF40D65L1L Datasheet PDF - Alpha & Omega Semiconductors

Part # AOGF40D65L1L
Download  AOGF40D65L1L Click to download

File Size   518.04 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 650V, 40A FRD Soft and Fast Recovery Diode

AOGF40D65L1L Datasheet (HTML) - Alpha & Omega Semiconductors


AOGF40D65L1L Product details

General Description
• 650V breakdown voltage• Low forward voltage (VF)• Very fast recovery• Low reverse recovery charge• Low reverse recovery current• 175°C operating junction temperature

Applications
• AC/DC converters• Boost diode in PFC stages• Free wheeling diodes in inverters and motor drives• General purpose inverters• Switch mode power supplies




Similar Part No. - AOGF40D65L1L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOGF40D65L1L ISC-AOGF40D65L1L Datasheet
352Kb / 2P
Soft and Fast Recovery Diode
More results


Similar Description - AOGF40D65L1L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD6B65MQ1E AOSMD-AOD6B65MQ1E Datasheet
707Kb / 8P
650V, 6A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.1.0 November 2019
AOD8B65MQ1 AOSMD-AOD8B65MQ1 Datasheet
567Kb / 9P
650V, 8A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.2.0 September 2021
AOGF20D65L1L AOSMD-AOGF20D65L1L Datasheet
633Kb / 5P
650V, 20A FRD Soft and Fast Recovery Diode
Rev.1.0 December 2021
AOGF30D65L1L AOSMD-AOGF30D65L1L Datasheet
515Kb / 5P
650V, 30A FRD Soft and Fast Recovery Diode
Rev.1.0 March 2022
AOGF60B65H2AL AOSMD-AOGF60B65H2AL Datasheet
572Kb / 8P
650V, 60A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.1.1 October 2021
AOK40B65HQ1 AOSMD-AOK40B65HQ1 Datasheet
539Kb / 9P
650V, 40A AlphaIGBTTM With soft and fast recovery anti-parallel diode
Rev.1.0: October 2019
AOK40B65HQ3 AOSMD-AOK40B65HQ3 Datasheet
523Kb / 8P
650V, 40A AlphaIGBTTM With soft and fast recovery anti-parallel diode
Rev.1.0: March 2020
AOT10B65MQ2 AOSMD-AOT10B65MQ2 Datasheet
546Kb / 8P
650V, 10A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.1.0 December 2019
AOT15B65MQ1 AOSMD-AOT15B65MQ1 Datasheet
589Kb / 8P
650V, 15A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.1.0 October 2019
AOTF8B65MQ1 AOSMD-AOTF8B65MQ1 Datasheet
660Kb / 8P
650V, 8A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.2.0 January 2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com