Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMS1300 Datasheet (PDF) - Vishay Siliconix

VLMS1300 Datasheet PDF - Vishay Siliconix
Part # VLMS1300
Download  VLMS1300 Download
File Size   249.87 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Highbright 0603 ChipLED

VLMS1300 Datasheet (PDF)

Go To PDF Page Download Datasheet
VLMS1300 Datasheet PDF - Vishay Siliconix

Part # VLMS1300
Download  VLMS1300 Click to download

File Size   249.87 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Highbright 0603 ChipLED

VLMS1300 Datasheet (HTML) - Vishay Siliconix


VLMS1300 Product details

DESCRIPTION
The new ChipLED series have been designed in the smallest
SMD package. This innovative ChipLED technology opens
the way to
• smaller products of higher performance
• more design in flexibility
• enhanced applications
The 0603 LED is an obvious solution for small-scale, high
brightness products that are expected to work reliably in an
arduous environment.

FEATURE
• Super thin ChipLED with exceptional brightness
1.6 mm x 0.8 mm x 0.8 mm (L x W x H)
• High reliability PCB based
• Wavelength (465 to 475) nm (blue), typ. 525 nm
(true green), typ. 571 nm (yellow green), (584.5
to 597) nm (yellow), typ. 605 nm (soft orange),
typ. 631 nm (super red)
• InGaN blue available with protection diode,
device type VLMB1310 with HBM 8000 V
• AllnGaP and InGaN technology
• Viewing angle: Extremely wide 130°
• Grouping parameter: Luminous intensity, wavelength, VF
• Available in 8 mm tape on 7" diameter reel
• Compatible to IR reflow soldering
• Preconditioning according to JEDEC® level 3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VLMS1300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS1300 VISHAY-VLMS1300 Datasheet
212Kb / 13P
Highbright 0603 ChipLED
25-Jul-12
logo
HK TO-GRACE TECHNOLOGY ...
VLMS1300 TO-GRACE-VLMS1300 Datasheet
901Kb / 13P
Highbright 0603 ChipLED
VLMS1300 TO-GRACE-VLMS1300 Datasheet
901Kb / 13P
Highbright 0603 ChipLED
logo
Vishay Siliconix
VLMS1300 VISHAY-VLMS1300 Datasheet
250Kb / 13P
Highbright 0603 ChipLED
19-Mar-2021
VLMS1300-GS08 VISHAY-VLMS1300-GS08 Datasheet
212Kb / 13P
Highbright 0603 ChipLED
25-Jul-12
More results


Similar Description - VLMS1300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS1300 VISHAY-VLMS1300 Datasheet
212Kb / 13P
Highbright 0603 ChipLED
25-Jul-12
VLMW1300 VISHAY-VLMW1300 Datasheet
176Kb / 8P
Highbright 0603 ChipLED
08-Nov-11
VLMW1301 VISHAY-VLMW1301 Datasheet
239Kb / 8P
Highbright 0603 ChipLED
22-Sep-14
VLMTG1400 VISHAY-VLMTG1400 Datasheet
226Kb / 10P
Highbright 0603 ChipLED
25-Jan-18
logo
HK TO-GRACE TECHNOLOGY ...
VLMS1300 TO-GRACE-VLMS1300 Datasheet
901Kb / 13P
Highbright 0603 ChipLED
VLMTG1300 TO-GRACE-VLMTG1300 Datasheet
901Kb / 13P
Highbright 0603 ChipLED
VLMTG1400 TO-GRACE-VLMTG1400 Datasheet
689Kb / 10P
Highbright 0603 ChipLED
VLMW1300 TO-GRACE-VLMW1300 Datasheet
581Kb / 8P
Highbright 0603 ChipLED
logo
Vishay Siliconix
VLMS1300 VISHAY-VLMS1300_V01 Datasheet
250Kb / 13P
Highbright 0603 ChipLED
19-Mar-2021
VLMW1301 VISHAY-VLMW1301_V01 Datasheet
208Kb / 8P
Highbright 0603 ChipLED
19-Mar-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com