Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VOR2121B8 Datasheet (PDF) - Vishay Siliconix

VOR2121B8 Datasheet PDF - Vishay Siliconix
Part # VOR2121B8
Download  VOR2121B8 Download
File Size   200.28 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual 1 Form A Solid-State Relay (Normally Open)

VOR2121B8 Datasheet (PDF)

Go To PDF Page Download Datasheet
VOR2121B8 Datasheet PDF - Vishay Siliconix

Part # VOR2121B8
Download  VOR2121B8 Click to download

File Size   200.28 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual 1 Form A Solid-State Relay (Normally Open)

VOR2121B8 Datasheet (HTML) - Vishay Siliconix


VOR2121B8 Product details

DESCRIPTION
The VOR2121 is a 250 V dual channel normally open
optically isolated solid-state relay (SPST - 1 form A). Based
on hybrid architecture which allows fast switching times
with a wide operating ambient temperature range. A high
efficient GaAlAs IRED enables low forward current on the
input side. On the output side high performance MOSFET
switches provide a low RON and can switch both DC and AC
signals.

FEATURES
• Isolation test voltage 5300 VRMS
• Typical RON 12 
• Load voltage 250 V
• Load current 200 mA / 140 mA
• Clean bounce free switching
• Current limit protection
• Low power consumption
• Wide temperature range
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VOR2121B8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR2121B8 VISHAY-VOR2121B8 Datasheet
202Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
05-Sep-16
VOR2121B8 VISHAY-VOR2121B8 Datasheet
199Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
05-Sep-16
VOR2121B8T VISHAY-VOR2121B8T Datasheet
202Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
05-Sep-16
VOR2121B8T VISHAY-VOR2121B8T Datasheet
199Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
05-Sep-16
More results


Similar Description - VOR2121B8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR2121A8 VISHAY-VOR2121A8 Datasheet
202Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
05-Sep-16
LH1532AA VISHAY-LH1532AA Datasheet
244Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
22-Sep-2020
LH1532AAC VISHAY-LH1532AAC_V01 Datasheet
243Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
22-Sep-2020
VOR2121A8 VISHAY-VOR2121A8_V01 Datasheet
199Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
05-Sep-16
LH1505AB VISHAY-LH1505AB_V01 Datasheet
208Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
LH1522AB VISHAY-LH1522AB_V01 Datasheet
208Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
LH1505AB VISHAY-LH1505AB_V02 Datasheet
209Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
LH1525AT VISHAY-LH1525AT_V02 Datasheet
169Kb / 9P
1 Form A Solid-State Relay (Normally Open)
07-Jul-2020
LH1532AAC VISHAY-LH1532AAC_V02 Datasheet
244Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
22-Sep-2020
LH1540AAB VISHAY-LH1540AAB_V02 Datasheet
205Kb / 10P
1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com