Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD3E001DRYR Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPD3E001DRYR Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPD3E001DRYR
Download  TPD3E001DRYR Download
File Size   1660.58 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low-Capacitance 3-Channel ESD-Protection for High-Speed Date Interfaces

TPD3E001DRYR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD3E001DRYR Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPD3E001DRYR
Download  TPD3E001DRYR Click to download

File Size   1660.58 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low-Capacitance 3-Channel ESD-Protection for High-Speed Date Interfaces

TPD3E001DRYR Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPD3E001DRYR Product details

Features
* Ultra low capacitance: 1.5pF(Max)
* Ultra low leakage: nA level
* Low operating voltage: 5.5V
* Low clamping voltage
* Complies with following standards:
- IEC 61000-4-2 (ESD) immunity test
Air discharge: 20KV
Contact discharge: +15kV
— IEC61000-4-4 (EFT) 40A (5/50ns)
* ROHS Compliant




Similar Part No. - TPD3E001DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD3E001DRYR TI-TPD3E001DRYR Datasheet
362Kb / 11P
LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001DRYR TI-TPD3E001DRYR Datasheet
778Kb / 15P
LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001DRYR TI1-TPD3E001DRYR Datasheet
1Mb / 22P
Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
TPD3E001DRYRG4 TI-TPD3E001DRYRG4 Datasheet
362Kb / 11P
LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001DRYRG4 TI-TPD3E001DRYRG4 Datasheet
778Kb / 15P
LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results


Similar Description - TPD3E001DRYR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1263-02SE ONSEMI-CM1263-02SE Datasheet
116Kb / 6P
Low Capacitance ESD Protection for High-Speed Serial Interfaces
April 2010 Rev. 2
CM1263-06DE ONSEMI-CM1263-06DE Datasheet
283Kb / 7P
Low Capacitance ESD Protection for High-Speed Serial Interfaces
April 2010 ??Rev. 3
logo
SeCoS Halbleitertechnol...
KS05UL5 SECOS-KS05UL5 Datasheet
775Kb / 3P
Ultra Low Capacitance ESD Protection for high-speed interfaces
KS05ULA5 SECOS-KS05ULA5 Datasheet
289Kb / 3P
Ultra Low Capacitance ESD Protection for high- speed interfaces
logo
Texas Instruments
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
logo
ON Semiconductor
CM1263-02SE ONSEMI-CM1263-02SE_11 Datasheet
87Kb / 4P
Low Capacitance ESD Protection for High-Speed Serial Interfaces
March, 2011 ??Rev. 3
logo
TECH PUBLIC Electronics...
LC03-6 TECHPUBLIC-LC03-6 Datasheet
2Mb / 5P
Low Capacitance TVS for High-Speed Date interfaces
TPD2E001DRLR TECHPUBLIC-TPD2E001DRLR Datasheet
2Mb / 5P
Low-Capacitance 2-Channel ESD-Protection for High-Speed Date Interfaces
TPD3E001DRLR-TP TECHPUBLIC-TPD3E001DRLR-TP Datasheet
2Mb / 5P
Low-Capacitance 3-Channel ESD-Protection for High-Speed Date Interfaces
TPESD2102X5 TECHPUBLIC-TPESD2102X5 Datasheet
1Mb / 5P
Low-Capacitance 2-Channel ESD-Protection for High-Speed Date Interfaces
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com