Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2115M-1.2G1 Datasheet (PDF) - Diodes Incorporated

AP2115M-1.2G1 Datasheet PDF - Diodes Incorporated
Part # AP2115M-1.2G1
Download  AP2115M-1.2G1 Download
File Size   597.66 Kbytes
Page   19 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE

AP2115M-1.2G1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2115M-1.2G1 Datasheet PDF - Diodes Incorporated

Part # AP2115M-1.2G1
Download  AP2115M-1.2G1 Click to download

File Size   597.66 Kbytes
Page   19 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE

AP2115M-1.2G1 Datasheet (HTML) - Diodes Incorporated


AP2115M-1.2G1 Product details

Features
• Output Voltage Accuracy: ±1.5%
• Output Current: 1A (Min.)
• Fold-back Short Current Protection: 50mA
• Low Dropout Voltage (3.3V): 450mV (Typ.)
@ IOUT=1A
• Stable with 4.7μF Flexible Cap: Ceramic,
Tantalum and Aluminum Electrolytic
• Excellent Line Regulation: 0.02%/V (Typ.),
0.1%/V (Max.) @ IOUT=30mA
• Excellent Load Regulation: 0.2%/A @
IOUT=1mA to 1A
• Low Quiescent Current: 60μA (1.2V/1.8V/
2.5V)
• Low Output Noise: 30μVRMS
• PSRR: 68dB @ Freq=1kHz (1.2V/1.8V)
• OTSD Protection
• Operation Temperature Range: -40°C to 85°C
• ESD: MM 400V, HBM 4000V

Applications
• LCD Monitor
• LCD TV
• STB




Similar Part No. - AP2115M-1.2G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2115M-1.2G1 BCDSEMI-AP2115M-1.2G1 Datasheet
598Kb / 19P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
More results


Similar Description - AP2115M-1.2G1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
150mA Low Noise LDO Voltage Regulator with Enable
logo
ON Semiconductor
NCP580 ONSEMI-NCP580 Datasheet
66Kb / 10P
Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
August, 2005 ??Rev. 2
NCP580 ONSEMI-NCP580_06 Datasheet
65Kb / 9P
Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
December, 2006 ??Rev. 4
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2115M-1.2G1 BCDSEMI-AP2115M-1.2G1 Datasheet
598Kb / 19P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
AiT Semiconductor Inc.
A6110A AITSEMI-A6110A Datasheet
777Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR 1A CMOS LOW NOISE WITH ENABLE PIN
REV1.2
logo
Diodes Incorporated
AP2114 DIODES-AP2114 Datasheet
914Kb / 33P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com