Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLMO1000 Datasheet (PDF) - Vishay Siliconix

TLMO1000 Datasheet PDF - Vishay Siliconix
Part # TLMO1000
Download  TLMO1000 Download
File Size   248.29 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Current 0603 SMD LED

TLMO1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLMO1000 Datasheet PDF - Vishay Siliconix

Part # TLMO1000
Download  TLMO1000 Click to download

File Size   248.29 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Current 0603 SMD LED

TLMO1000 Datasheet (HTML) - Vishay Siliconix


TLMO1000 Product details

DESCRIPTION
The new 0603 LED series have been designed in the
smallest SMD package. This innovative 0603 LED
technology opens the way to
• Smaller products of higher performance
• More design in flexibility
• Enhanced applications
The 0603 LED is an obvious solution for small-scale, high
power products that are expected to work reliability in an
arduous environment.

FEATURES
• Smallest SMD package 0603 with exceptional
brightness 1.6 mm x 0.8 mm x 0.6 mm
(L x W x H)
• High reliability lead frame based
• Temperature range -40 °C to +100 °C
• Footprint compatible to 0603 chipled
• Wavelength 633 nm (red), 606 nm (orange),
587 nm (yellow)
• AllnGaP technology
• Compatible to IR reflow soldering
• Viewing angle: Extremely wide 160°
• Grouping parameter: luminous intensity, wavelength
• Available in 8 mm tape
• Preconditioning according to JEDEC® level 2
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - TLMO1000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMO1000 VISHAY-TLMO1000 Datasheet
247Kb / 11P
Low Current 0603 LED
30-Aug-04
TLMO1000 VISHAY-TLMO1000 Datasheet
209Kb / 11P
Low Current 0603 SMD LED
15-Oct-08
logo
HK TO-GRACE TECHNOLOGY ...
TLMO1000 TO-GRACE-TLMO1000 Datasheet
824Kb / 11P
Low Current 0603 SMD LED
logo
Vishay Siliconix
TLMO1000 VISHAY-TLMO1000 Datasheet
204Kb / 11P
Low Current 0603 SMD LED
03-Sep-2018
TLMO1000-GS08 VISHAY-TLMO1000-GS08 Datasheet
209Kb / 11P
Low Current 0603 SMD LED
15-Oct-08
More results


Similar Description - TLMO1000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMC3101 VISHAY-TLMC3101 Datasheet
78Kb / 6P
Low Current SMD LED
04-Feb-99
TLMT3100 VISHAY-TLMT3100 Datasheet
78Kb / 6P
Low Current SMD LED
04-Feb-99
TLMS1000 VISHAY-TLMS1000 Datasheet
247Kb / 11P
Low Current 0603 LED
30-Aug-04
TLMO1000 VISHAY-TLMO1000_08 Datasheet
209Kb / 11P
Low Current 0603 SMD LED
15-Oct-08
VLMS3000-GS08 VISHAY-VLMS3000-GS08 Datasheet
158Kb / 9P
Low Current SMD LED
logo
HK TO-GRACE TECHNOLOGY ...
TLMO1000 TO-GRACE-TLMO1000 Datasheet
824Kb / 11P
Low Current 0603 SMD LED
VLMY10J2K2-4 TO-GRACE-VLMY10J2K2-4 Datasheet
736Kb / 8P
Low Current 0603 SMD LED
logo
Vishay Siliconix
VLMY10J2K2-4 VISHAY-VLMY10J2K2-4 Datasheet
168Kb / 8P
Low Current 0603 SMD LED
15-Mar-16
TLMO1000 VISHAY-TLMO1000_V01 Datasheet
204Kb / 11P
Low Current 0603 SMD LED
03-Sep-2018
VLMY10J2K2-4 VISHAY-VLMY10J2K2-4_V01 Datasheet
178Kb / 8P
Low Current 0603 SMD LED
02-Sep-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com