Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON6667 Datasheet (PDF) - Alpha & Omega Semiconductors

AON6667 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON6667
Download  AON6667 Download
File Size   570.75 Kbytes
Page   11 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V Dual Complementary MOSFET

AON6667 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON6667 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON6667
Download  AON6667 Click to download

File Size   570.75 Kbytes
Page   11 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V Dual Complementary MOSFET

AON6667 Datasheet (HTML) - Alpha & Omega Semiconductors


AON6667 Product details

General Description
• Trench Power MOSFET technology
• Low RDS(ON)
• Low Gate Charge
• Excellent Thermal Performance
• RoHS and Halogen-Free Compliant

Applications
• Pch+Nch Complementary MOSFET for DC-FAN




Similar Part No. - AON6667

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6144 AOSMD-AON6144 Datasheet
312Kb / 6P
40V N-Channel MOSFET
AON6152 AOSMD-AON6152 Datasheet
237Kb / 6P
45V N-Channel AlphaSGT
AON6154 AOSMD-AON6154 Datasheet
314Kb / 6P
45V N-Channel MOSFET
AON6156 AOSMD-AON6156 Datasheet
324Kb / 6P
45V N-Channel MOSFET
AON6160 AOSMD-AON6160 Datasheet
321Kb / 6P
60V N-Channel AlphaSGT
More results


Similar Description - AON6667

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC3028LSD DIODES-DMC3028LSD Datasheet
351Kb / 11P
30V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
logo
Alpha & Omega Semicondu...
AO4629 AOSMD-AO4629 Datasheet
855Kb / 9P
30V Complementary MOSFET
AO4616 AOSMD-AO4616_11 Datasheet
387Kb / 9P
30V Complementary MOSFET
AON3613 AOSMD-AON3613 Datasheet
423Kb / 9P
30V Complementary MOSFET
logo
Diodes Incorporated
DMC3028LSD DIODES-DMC3028LSD_15 Datasheet
351Kb / 11P
30V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
Rev 4
logo
GOOD-ARK Electronics
SSF3036C GOOD-ARK-SSF3036C Datasheet
435Kb / 5P
30V Complementary MOSFET
SSF4604 GOOD-ARK-SSF4604 Datasheet
568Kb / 4P
30V Complementary MOSFET
logo
Alpha & Omega Semicondu...
AOD661 AOSMD-AOD661 Datasheet
554Kb / 11P
30V Dual Complementary MOSFET
AOND32324 AOSMD-AOND32324 Datasheet
539Kb / 11P
30V Dual Complementary MOSFET
Rev.1.0: Octomber 2017
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com