Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH16952 Datasheet (PDF) - NXP Semiconductors

74ALVCH16952 Datasheet PDF - NXP Semiconductors
Part # 74ALVCH16952
Download  74ALVCH16952 Download
File Size   85.31 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit registered transceiver 3-State

74ALVCH16952 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH16952 Datasheet PDF - NXP Semiconductors

Part # 74ALVCH16952
Download  74ALVCH16952 Click to download

File Size   85.31 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit registered transceiver 3-State

74ALVCH16952 Datasheet (HTML) - NXP Semiconductors


74ALVCH16952 Product details

DESCRIPTION
The 74ALVCH16952 consists of two sections, each containing a dual octal non-inverting registered transceiver. Two 8-bit back to back registers store data flowing in both directions between two bi-directional busses. Data applied to the inputs is entered and stored on the rising edge of the clock (CPXX, where X is AB or BA) provided that the clock enable (CEXX) is LOW. The data is then present at the 3-State output buffers, but is only accessible when the output enable input (OEXX) is LOW. Data flow from A inputs to B outputs is the same as for B inputs to A outputs.

FEATURES
• Complies with JEDEC standard no. 8-1A
• CMOS low power consumption
• MULTIBYTETM flow-through pin-out architecture
• Low inductance, multiple center power and ground pins for
   minimum noise and ground bounce
• Direct interface with TTL levels
• Output drive capability 50Ω transmission lines @ 85°C




Similar Part No. - 74ALVCH16952

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
74ALVCH16952DGG NEXPERIA-74ALVCH16952DGG Datasheet
196Kb / 14P
16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
logo
Texas Instruments
74ALVCH16952DGGRG4 TI1-74ALVCH16952DGGRG4 Datasheet
379Kb / 17P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16952DGVRE4 TI1-74ALVCH16952DGVRE4 Datasheet
379Kb / 17P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16952DGVRG4 TI1-74ALVCH16952DGVRG4 Datasheet
379Kb / 17P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Similar Description - 74ALVCH16952

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16952 PHILIPS-74ABT16952 Datasheet
87Kb / 12P
16-bit registered transceiver 3-State
1998 Feb 25
logo
Texas Instruments
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
16-Bit Registered Transceiver with 3-STATE Outputs
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
16-Bit Registered Transceiver with 3-STATE Outputs
logo
NXP Semiconductors
74ALVCH16952 PHILIPS-74ALVCH16952_15 Datasheet
99Kb / 17P
16-bit registered transceiver; 3-state
Rev. 02-27 April 2006
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com