Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH32501 Datasheet (PDF) - NXP Semiconductors

74ALVCH32501 Datasheet PDF - NXP Semiconductors
Part # 74ALVCH32501
Download  74ALVCH32501 Download
File Size   88.43 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state

74ALVCH32501 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH32501 Datasheet PDF - NXP Semiconductors

Part # 74ALVCH32501
Download  74ALVCH32501 Click to download

File Size   88.43 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state

74ALVCH32501 Datasheet (HTML) - NXP Semiconductors


74ALVCH32501 Product details

DESCRIPTION
The 74ALVCH32501 is a high-performance CMOS product designed for VCC operation at 2.5 V and 3.3 V.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
   
FEATURES
• 3-state non-inverting outputs for bus oriented
    applications
• Wide supply voltage range of 1.2 V to 3.6 V
• Complies with JEDEC standard no. 8-1A
• Current drive ±24 mA at 3.0 V
• Universal bus transceiver with D-type latches and
    D-type flip-flops capable of operating in transparent,
    latched or clocked mode
• CMOS low power consumption
• Direct interface with TTL levels
• All inputs have bus-hold circuitry
• Output drive capability 50 Ω transmission lines at 85 °C
• Plastic fine-pitch ball grid array package.
   




Similar Part No. - 74ALVCH32501

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH32501 PHILIPS-74ALVCH32501 Datasheet
121Kb / 15P
36-bit universal bus transceiver with direction pin; 3-state
2004 Oct 13
74ALVCH32501EC PHILIPS-74ALVCH32501EC Datasheet
121Kb / 15P
36-bit universal bus transceiver with direction pin; 3-state
2004 Oct 13
logo
Texas Instruments
74ALVCH32501ZKFR TI1-74ALVCH32501ZKFR Datasheet
788Kb / 14P
36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH32501 PHILIPS-74ALVCH32501_04 Datasheet
121Kb / 15P
36-bit universal bus transceiver with direction pin; 3-state
2004 Oct 13
More results


Similar Description - 74ALVCH32501

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
74ALVCH32501 PHILIPS-74ALVCH32501_04 Datasheet
121Kb / 15P
36-bit universal bus transceiver with direction pin; 3-state
2004 Oct 13
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com