Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C277LAB4100AA5J Datasheet (PDF) - Kemet Corporation

C277LAB4100AA5J Datasheet PDF - Kemet Corporation
Part # C277LAB4100AA5J
Download  C277LAB4100AA5J Download
File Size   412.8 Kbytes
Page   10 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description C27, Cylindrical Plastic Case, 275 – 470 VAC

C277LAB4100AA5J Datasheet (PDF)

Go To PDF Page Download Datasheet
C277LAB4100AA5J Datasheet PDF - Kemet Corporation

Part # C277LAB4100AA5J
Download  C277LAB4100AA5J Click to download

File Size   412.8 Kbytes
Page   10 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description C27, Cylindrical Plastic Case, 275 – 470 VAC

C277LAB4100AA5J Datasheet (HTML) - Kemet Corporation


C277LAB4100AA5J Product details

Benefits
• Self-healing
• IMQ and UL810 approved (construction only)
• Rated frequency of 50 Hz and 60 Hz
• High capacitance density

Applications
Typical applications include motor run S0 safety class.




Similar Part No. - C277LAB4100AA5J

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
C2777-CT150-2-DW1 JAE-C2777-CT150-2-DW1 Datasheet
118Kb / 1P
CT150-2-DW1
C2777-CT150-4-ES5 JAE-C2777-CT150-4-ES5 Datasheet
427Kb / 8P
ES5 Series
More results


Similar Description - C277LAB4100AA5J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C274AC35350AA0J KEMET-C274AC35350AA0J Datasheet
77Kb / 1P
C27, Film, Film/Foil Polypropylene, Motor Run, 35 uF, 5%, 470 VAC
C274ACF4250LF0J KEMET-C274ACF4250LF0J Datasheet
58Kb / 1P
C27, Film, Film/Foil Polypropylene, Motor Run, 2.5 uF, 5%, 470 VAC
C274ACF4800LF0J KEMET-C274ACF4800LF0J Datasheet
59Kb / 1P
C27, Film, Film/Foil Polypropylene, Motor Run, 8 uF, 5%, 470 VAC
C274ACF5200LF0J KEMET-C274ACF5200LF0J Datasheet
58Kb / 1P
C27, Film, Film/Foil Polypropylene, Motor Run, 20 uF, 5%, 470 VAC
C274ACF5400LF0J KEMET-C274ACF5400LF0J Datasheet
58Kb / 1P
C27, Film, Film/Foil Polypropylene, Motor Run, 40 uF, 5%, 470 VAC
C274ACF5350LF0J KEMET-C274ACF5350LF0J Datasheet
59Kb / 1P
C27, Film, Film/Foil Polypropylene, Motor Run, 35 uF, 5%, 470 VAC
C274ACF4150LF0J KEMET-C274ACF4150LF0J Datasheet
59Kb / 1P
C27, Film, Film/Foil Polypropylene, Motor Run, 1.5 uF, 5%, 470 VAC
C284ACA4300AL0J KEMET-C284ACA4300AL0J_V01 Datasheet
297Kb / 7P
C28, Cylindrical Plastic Case, Segmented Film 420 VAC/470 VAC
F3115_C28 12/20/2022
C878BF34300AA4J KEMET-C878BF34300AA4J_V01 Datasheet
475Kb / 10P
C87, Cylindrical Aluminum Case, Overpressure Protection, 420 VAC/470 VAC
F3063_C87 12/13/2022
C276CCF5500LH2J KEMET-C276CCF5500LH2J Datasheet
237Kb / 1P
C27, Film, Film/Foil Polypropylene, Motor Run, 50 uF, 5%, 470 VAC
4/11/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com