Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1113276 Datasheet (PDF) - PHOENIX CONTACT

1113276 Datasheet PDF - PHOENIX CONTACT
Part # 1113276
Download  1113276 Download
File Size   176.32 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Patch cable - NBC-R4ACB/0,5-93K/R4ACB

1113276 Datasheet (PDF)

Go To PDF Page Download Datasheet
1113276 Datasheet PDF - PHOENIX CONTACT

Part # 1113276
Download  1113276 Click to download

File Size   176.32 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Patch cable - NBC-R4ACB/0,5-93K/R4ACB

1113276 Datasheet (HTML) - PHOENIX CONTACT


1113276 Product details

Patch cable, degree of protection: IP20, cable length: 0.5 m, 100 Mbps, CAT5, cable outlet:bottom

Your advantages
• Compact angle
• Perfect for industrial applications
• PVC cable for flexible installations
• Worldwide approval with CE, UL, WEEE, and EAC
• Secure connection and disconnection with reliable locking clip protection
• Ideal EMC properties, thanks to 360° shielding
• Simultaneous power transmission with PoE++
• Resistant to shock and vibrations, thanks to robust molding
• High-speed data transmission with up to 1 Gbps (CAT5)




Similar Part No. - 1113276

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1113274 PHOENIX-1113274 Datasheet
178Kb / 4P
Patch cable - NBC-R4ACB/2,0-93K/R4ACB
1113275 PHOENIX-1113275 Datasheet
220Kb / 5P
NBC-R4ACB/1,0-93K/R4ACB - Patch cable
More results


Similar Description - 1113276

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1113214 PHOENIX-1113214 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACB/5,0-93K/OE
1113215 PHOENIX-1113215 Datasheet
175Kb / 4P
Patch cable - NBC-R4ACB/3,0-93K/OE
1113274 PHOENIX-1113274 Datasheet
178Kb / 4P
Patch cable - NBC-R4ACB/2,0-93K/R4ACB
1113313 PHOENIX-1113313 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACB/0,5-93B/R4ACB
1113314 PHOENIX-1113314 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACB/0,3-93B/R4ACB
1247649 PHOENIX-1247649 Datasheet
343Kb / 11P
Patch cable - NBC-R4ACB-R4ACB-PN4/.../...
1393492 PHOENIX-1393492 Datasheet
173Kb / 3P
Patch cable - NBC-R4ACB/3,0-94B/R4ACB
1426671 PHOENIX-1426671 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACB/3,0-93K/R4ACB
1113275 PHOENIX-1113275 Datasheet
220Kb / 5P
NBC-R4ACB/1,0-93K/R4ACB - Patch cable
1393494 PHOENIX-1393494 Datasheet
225Kb / 6P
NBC-R4ACB/5,0-94B/R4ACB - Patch cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com