Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1113299 Datasheet (PDF) - PHOENIX CONTACT

1113299 Datasheet PDF - PHOENIX CONTACT
Part # 1113299
Download  1113299 Download
File Size   177.06 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Patch cable - NBC-R4ACT/1,0-93B/R4ACT

1113299 Datasheet (PDF)

Go To PDF Page Download Datasheet
1113299 Datasheet PDF - PHOENIX CONTACT

Part # 1113299
Download  1113299 Click to download

File Size   177.06 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Patch cable - NBC-R4ACT/1,0-93B/R4ACT

1113299 Datasheet (HTML) - PHOENIX CONTACT


1113299 Product details

Patch cable, degree of protection: IP20, cable length: 1 m, number of positions: 4, 100 Mbps,
CAT5, cable outlet: top, PROFINET

Your advantages
• Perfect for industrial applications
• PVC cable for flexible installations
• Worldwide approval with CE, UL, WEEE, and EAC
• Secure connection and disconnection with reliable locking clip protection
• Ideal EMC properties, thanks to 360° shielding
• Simultaneous power transmission with PoE++
• Resistant to shock and vibrations, thanks to robust molding
• High-speed data transmission with up to 100 Mbps (CAT5)
• Compact angle




Similar Part No. - 1113299

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1113298 PHOENIX-1113298 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACT/2,0-93B/R4ACT
More results


Similar Description - 1113299

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1113298 PHOENIX-1113298 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACT/2,0-93B/R4ACT
1113301 PHOENIX-1113301 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACT/0,5-93B/R4ACT
1113302 PHOENIX-1113302 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACT/0,3-93B/R4ACT
1113305 PHOENIX-1113305 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACT/2,0-93B/OE
1113306 PHOENIX-1113306 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACT/1,0-93B/OE
1113308 PHOENIX-1113308 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACT/0,3-93B/OE
1113309 PHOENIX-1113309 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/2,0-93B/R4ACT
1113310 PHOENIX-1113310 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/1,0-93B/R4ACT
1247630 PHOENIX-1247630 Datasheet
342Kb / 11P
Patch cable - NBC-R4ACT-R4ACT-PN4/.../...
1113307 PHOENIX-1113307 Datasheet
221Kb / 6P
NBC-R4ACT/0,5-93B/OE - Patch cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com