Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEMD11940FX01 Datasheet (PDF) - Vishay Siliconix

VEMD11940FX01 Datasheet PDF - Vishay Siliconix
Part # VEMD11940FX01
Download  VEMD11940FX01 Download
File Size   222.75 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiode

VEMD11940FX01 Datasheet (PDF)

Go To PDF Page Download Datasheet
VEMD11940FX01 Datasheet PDF - Vishay Siliconix

Part # VEMD11940FX01
Download  VEMD11940FX01 Click to download

File Size   222.75 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiode

VEMD11940FX01 Datasheet (HTML) - Vishay Siliconix


VEMD11940FX01 Product details

DESCRIPTION
VEMD11940FX01 is a high speed and high sensitive PIN
photodiode in a miniature side looking, surface mount
package (SMD) with daylight blocking filter. Filter is matched
with IR emitters operating at wavelength of 830 nm to
950 nm. The photo sensitive area of the chip is 0.053 mm2.

FEATURES
• Package type: surface mount
• Package form: Side view
• Dimensions (L x W x H in mm): 3 x 2 x 0.6
• AEC-Q101 qualified
• High radiant sensitivity
• Daylight blocking filter matched with 830 nm
to 950 nm IR emitters
• Angle of half sensitivity: ϕ = ± 75°
• Package matched with IR emitter
VSMB11940X01
• Floor life: 168 h, MSL 3, according to J-STD-020
• Lead (Pb)-free reflow soldering
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VEMD11940FX01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
Silicon PIN Photodiode
09-Jan-14
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
222Kb / 6P
Silicon PIN Photodiodes
04-Dec-15
VEMD11940FX01 VISHAY-VEMD11940FX01_V01 Datasheet
222Kb / 6P
Silicon PIN Photodiodes
04-Dec-15
More results


Similar Description - VEMD11940FX01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
Silicon PIN Photodiode
16-Nov-99
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
Dec-1998
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
OPTEK Technologies
OP906 OPTEK-OP906 Datasheet
500Kb / 2P
PIN Silicon Photodiode
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW41N VISHAY-BPW41N_08 Datasheet
89Kb / 5P
Silicon PIN Photodiode
08-Sep-08
VBPW34S VISHAY-VBPW34S Datasheet
187Kb / 8P
Silicon PIN Photodiode
20-Apr-10
T330P VISHAY-T330P Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
Silicon PIN Photodiode
09-Jan-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com