Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7447720103 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

7447720103 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 7447720103
Download  7447720103 Download
File Size   746.39 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-TI Radial Leaded Wire Wound Inductor

7447720103 Datasheet (PDF)

Go To PDF Page Download Datasheet
7447720103 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7447720103
Download  7447720103 Click to download

File Size   746.39 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-TI Radial Leaded Wire Wound Inductor

7447720103 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


7447720103 Product details

General Properties:
Ambient Temperature (referring
to IR) -40 up to +85 °C
Operating Temperature -40 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 7447720103

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744772010 WURTH-744772010 Datasheet
972Kb / 6P
WE-TI Radial Leaded Wire Wound Inductor
7447720100 WURTH-7447720100 Datasheet
746Kb / 7P
WE-TI Radial Leaded Wire Wound Inductor
001.001
7447720101 WURTH-7447720101 Datasheet
717Kb / 7P
WE-TI Radial Leaded Wire Wound Inductor
001.001
7447720102 WURTH-7447720102 Datasheet
746Kb / 7P
WE-TI Radial Leaded Wire Wound Inductor
001.001
More results


Similar Description - 7447720103

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744732015 WURTH-744732015 Datasheet
997Kb / 6P
WE-TI Radial Leaded Wire Wound Inductor
744732331 WURTH-744732331 Datasheet
997Kb / 6P
WE-TI Radial Leaded Wire Wound Inductor
744741471 WURTH-744741471 Datasheet
985Kb / 6P
WE-TI Radial Leaded Wire Wound Inductor
744743471 WURTH-744743471 Datasheet
992Kb / 6P
WE-TI Radial Leaded Wire Wound Inductor
744772010 WURTH-744772010 Datasheet
972Kb / 6P
WE-TI Radial Leaded Wire Wound Inductor
744772022 WURTH-744772022 Datasheet
980Kb / 6P
WE-TI Radial Leaded Wire Wound Inductor
744772103 WURTH-744772103 Datasheet
978Kb / 6P
WE-TI Radial Leaded Wire Wound Inductor
744779168 WURTH-744779168 Datasheet
965Kb / 6P
WE-TI Radial Leaded Wire Wound Inductor
7447452102 WURTH-7447452102 Datasheet
980Kb / 6P
WE-TI Radial Leaded Wire Wound Inductor
7447452392 WURTH-7447452392 Datasheet
1,011Kb / 6P
WE-TI Radial Leaded Wire Wound Inductor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com