Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744776312 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

744776312 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 744776312
Download  744776312 Download
File Size   659.96 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-PD2 SMT Power Inductor

744776312 Datasheet (PDF)

Go To PDF Page Download Datasheet
744776312 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744776312
Download  744776312 Click to download

File Size   659.96 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-PD2 SMT Power Inductor

744776312 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


744776312 Product details

General Properties:
It is recommended that the temperature of the component does not exceed +125 °C under worst
case conditions
Ambient Temperature (referring
to IR) -40 up to +85 °C
Operating Temperature -40 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 744776312

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74477630 WURTH-74477630 Datasheet
660Kb / 6P
WE-PD2 SMT Power Inductor
002.002
744776322 WURTH-744776322 Datasheet
660Kb / 6P
WE-PD2 SMT Power Inductor
002.002
logo
List of Unclassifed Man...
744776333 ETC2-744776333 Datasheet
90Kb / 2P
WE-ASI SMD Wire Wound Inductor
logo
Wurth Elektronik GmbH &...
744776333 WURTH-744776333 Datasheet
806Kb / 5P
WE-ASI SMD Wire Wound Inductor
logo
List of Unclassifed Man...
744776347 ETC2-744776347 Datasheet
90Kb / 2P
WE-ASI SMD Wire Wound Inductor
More results


Similar Description - 744776312

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744773018 WURTH-744773018_15 Datasheet
1Mb / 6P
WE-PD2 SMD Power Inductor
7447745012 WURTH-7447745012_15 Datasheet
1Mb / 6P
WE-PD2 SMD Power Inductor
74477450012 WURTH-74477450012_15 Datasheet
1Mb / 6P
WE-PD2 SMD Power Inductor
7447732033 WURTH-7447732033 Datasheet
653Kb / 6P
WE-PD2 SMT Power Inductor
002.002
7447732115 WURTH-7447732115 Datasheet
653Kb / 6P
WE-PD2 SMT Power Inductor
002.002
74477530 WURTH-74477530 Datasheet
637Kb / 6P
WE-PD2 SMT Power Inductor
002.001
744776025 WURTH-744776025 Datasheet
695Kb / 6P
WE-PD2 SMT Power Inductor
001.001
744776260 WURTH-744776260 Datasheet
660Kb / 6P
WE-PD2 SMT Power Inductor
002.002
74477630 WURTH-74477630 Datasheet
660Kb / 6P
WE-PD2 SMT Power Inductor
002.002
744776322 WURTH-744776322 Datasheet
660Kb / 6P
WE-PD2 SMT Power Inductor
002.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com