Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ8S204BLS Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8S204BLS Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8S204BLS
Download  AOZ8S204BLS Download
File Size   603.95 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Single Channel Bidirectional 0.15pF TVS Diode

AOZ8S204BLS Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8S204BLS Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8S204BLS
Download  AOZ8S204BLS Click to download

File Size   603.95 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Single Channel Bidirectional 0.15pF TVS Diode

AOZ8S204BLS Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ8S204BLS Product details

General Description
The AOZ8S204BLS is a single channel transient voltage
suppressor designed to protect high speed data lines and
voltage sensitive electronics from high transient conditions
and ESD.
The AOZ8S204BLS comes in an RoHS compliant package
and is rated over a -40°C to +125°C ambient temperature
range.
The ultra-small 0.6 mm x 0.3 mm 0201 footprint package
makes the AOZ8S204BLS ideal for applications where PCB
space is a premium. The small size and high ESD protection
makes it ideal for protecting voltage sensitive electronics
from high transient conditions and ESD.

Features
• E-S D protection for high-speed data lines: IEC 61000 4-2, ESD immunity:
- Air discharge: ±20 kV
- Contact Discharge: ±20 kV
- IEC 61000-4-5 (Lightning 8/20 μs): 8.5 A
- IEC 61000-4-4 EFT (5/50 ns): 40 A
- Human Body Mode: ±8 kV
• Bidirectional TVS
• Low capacitance: 0.15 pF
• Low clamping voltage
• Low operating voltage: 3.3 V, 5 V

Applications
• USB4, Thunderbolt 4, PCI Express
• Mobile phones
• Notebook computers




Similar Part No. - AOZ8S204BLS

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8S204BL2 AOSMD-AOZ8S204BL2 Datasheet
1Mb / 6P
Dual Channel Bidirectional 0.15pF TVS Diode
Rev. 1.0 October 2021
AOZ8S204BL2-03 AOSMD-AOZ8S204BL2-03 Datasheet
1Mb / 6P
Dual Channel Bidirectional 0.15pF TVS Diode
Rev. 1.0 October 2021
AOZ8S204BL2-05 AOSMD-AOZ8S204BL2-05 Datasheet
1Mb / 6P
Dual Channel Bidirectional 0.15pF TVS Diode
Rev. 1.0 October 2021
More results


Similar Description - AOZ8S204BLS

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8251ADI AOSMD-AOZ8251ADI Datasheet
452Kb / 8P
Single Channel Bidirectional TVS Diode
logo
Littelfuse
AQ3522-01FTG LITTELFUSE-AQ3522-01FTG Datasheet
984Kb / 5P
AQ3522-01FTG, 0.15pF 22kV Bidirectional TVS diode
AQ3522-01LTG LITTELFUSE-AQ3522-01LTG Datasheet
913Kb / 5P
AQ3522-01LTG, 0.15pF 22kV bidirectional TVS diode
2018 Littelfuse, Inc
logo
Alpha & Omega Semicondu...
AOZ8S203BLS AOSMD-AOZ8S203BLS Datasheet
1Mb / 6P
Single Channel Bidirectional TVS Diode
Rev. 1.0 October 2020
AOZ8S204BL2 AOSMD-AOZ8S204BL2 Datasheet
1Mb / 6P
Dual Channel Bidirectional 0.15pF TVS Diode
Rev. 1.0 October 2021
AOZ8S303BLS-11 AOSMD-AOZ8S303BLS-11 Datasheet
635Kb / 6P
Single Channel Bidirectional TVS Diode
Rev. 1.0 September 2020
AOZ8S305BLS-24 AOSMD-AOZ8S305BLS-24 Datasheet
388Kb / 5P
Single Channel Bidirectional TVS Diode
Rev. 1.0 April 2021
AOZ8S305BLS AOSMD-AOZ8S305BLS Datasheet
2Mb / 6P
Single Channel Bidirectional TVS Diode
Rev. 1.0 July 2020
logo
Diodes Incorporated
D24V0S1B2TQ DIODES-D24V0S1B2TQ Datasheet
341Kb / 5P
SINGLE CHANNEL BIDIRECTIONAL TVS DIODE
August 2022 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AOZ8S303BLS-24 AOSMD-AOZ8S303BLS-24 Datasheet
939Kb / 6P
Single Channel Bidirectional TVS Diode
Rev. 2.0 March 2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com