Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM8251T Datasheet (PDF) - Guangzhou Reicu Electronic Technology Co., Ltd

PCM8251T Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd
Part # PCM8251T
Download  PCM8251T Download
File Size   5815.18 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description CAN Isolation transceiver module

PCM8251T Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM8251T Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd

Part # PCM8251T
Download  PCM8251T Click to download

File Size   5815.18 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description CAN Isolation transceiver module

PCM8251T Datasheet (HTML) - Guangzhou Reicu Electronic Technology Co., Ltd


PCM8251T Product details

Product Features :
* Driving voltage: 3.3V/5.0V
* Isolation voltage: 3000 VDC
* One transmission violation rate: 1Mbps(MAX)
* One bus overvoltage protection
* One Conforms to 1SO11898 (24V) standard, compatible with 24V battery short circuit to ground
* No peripheral circuit required
* 6SD protection (contact discharge: +15KV
* One without power, passive
* Strong anti-interference ability
* Working temperature range: -40C - +85C




Similar Part No. - PCM8251T

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PCM80PD00 XPPOWER-PCM80PD00 Datasheet
306Kb / 4P
AC-DC Power Supplies
PCM80PD01 XPPOWER-PCM80PD01 Datasheet
306Kb / 4P
AC-DC Power Supplies
PCM80PD02 XPPOWER-PCM80PD02 Datasheet
306Kb / 4P
AC-DC Power Supplies
PCM80PD03 XPPOWER-PCM80PD03 Datasheet
306Kb / 4P
AC-DC Power Supplies
PCM80PD04 XPPOWER-PCM80PD04 Datasheet
306Kb / 4P
AC-DC Power Supplies
More results


Similar Description - PCM8251T

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD301DCANH2 MORNSUN-TD301DCANH2 Datasheet
871Kb / 3P
DUPLEX HIGH RATE H-CAN ISOLATION TRANSCEIVER MODULE
TD301DCANH3 MORNSUN-TD301DCANH3 Datasheet
872Kb / 3P
SINGLE HIGH RATE H-CAN ISOLATION TRANSCEIVER MODULE
TD302DCAN MORNSUN-TD302DCAN Datasheet
541Kb / 3P
DUPLEX UNIVERSAL CAN ISOLATION TRANSCEIVER MODULE
TD301D485 MORNSUN-TD301D485_15 Datasheet
877Kb / 4P
Isolation transceiver module
TD301D485H-E MORNSUN-TD301D485H-E_15 Datasheet
273Kb / 4P
Isolation transceiver module
logo
Wall Industries,Inc.
RBCAN01 WALL-RBCAN01 Datasheet
425Kb / 5P
CAN Isolation Transceiver Module Industrial Bus
RBCAND21 WALL-RBCAND21 Datasheet
469Kb / 5P
CAN Isolation Transceiver Module Industrial Bus
RBCANH21 WALL-RBCANH21 Datasheet
469Kb / 5P
CAN Isolation Transceiver Module Industrial Bus
logo
Guangzhou Reicu Electro...
PCM1051A REICU-PCM1051A Datasheet
5Mb / 1P
CAN Isolation transceiver module
REV:20.1
RE3485ECHT REICU-RE3485ECHT Datasheet
5Mb / 1P
485 Enhanced Isolation Transceiver Module
REV:15.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com