Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPV10NF Datasheet (PDF) - Vishay Siliconix

BPV10NF Datasheet PDF - Vishay Siliconix
Part # BPV10NF
Download  BPV10NF Download
File Size   143.63 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiode

BPV10NF Datasheet (PDF)

Go To PDF Page Download Datasheet
BPV10NF Datasheet PDF - Vishay Siliconix

Part # BPV10NF
Download  BPV10NF Click to download

File Size   143.63 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiode

BPV10NF Datasheet (HTML) - Vishay Siliconix


BPV10NF Product details

DESCRIPTION
BPV10NF is a PIN photodiode with high speed and high
sensitivity in black, T-1¾ plastic package with daylight
blocking filter. Filter bandwidth is matched with 850 nm to
950 nm IR emitters.

FEATURES
• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm): Ø 5
• Leads with stand-off
• High sensitivity
• Daylight blocking filter matched with 850 nm
to 950 nm emitters
• Fast response times
• Angle of half sensitivity: . = ± 20°
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - BPV10NF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV10NF VISHAY-BPV10NF Datasheet
81Kb / 5P
High Speed Silicon PIN Photodiode
16-Sep-08
BPV10NF VISHAY-BPV10NF Datasheet
137Kb / 5P
Silicon PIN Photodiode
29-May-15
BPV10NF VISHAY-BPV10NF Datasheet
143Kb / 5P
Silicon PIN Photodiode
26-Jul-2021
BPV10NF-CS21 VISHAY-BPV10NF-CS21 Datasheet
137Kb / 5P
Silicon PIN Photodiode
29-May-15
BPV10NF-CS21 VISHAY-BPV10NF-CS21 Datasheet
143Kb / 5P
Silicon PIN Photodiode
26-Jul-2021
More results


Similar Description - BPV10NF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
Silicon PIN Photodiode
16-Nov-99
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
Dec-1998
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
OPTEK Technologies
OP906 OPTEK-OP906 Datasheet
500Kb / 2P
PIN Silicon Photodiode
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW41N VISHAY-BPW41N_08 Datasheet
89Kb / 5P
Silicon PIN Photodiode
08-Sep-08
VBPW34S VISHAY-VBPW34S Datasheet
187Kb / 8P
Silicon PIN Photodiode
20-Apr-10
T330P VISHAY-T330P Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
Silicon PIN Photodiode
09-Jan-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com