Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61SF6432 Datasheet (PDF) - Integrated Circuit Solution Inc

IC61SF6432 Datasheet PDF - Integrated Circuit Solution Inc
Part # IC61SF6432
Download  IC61SF6432 Download
File Size   144.46 Kbytes
Page   17 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description 64K x 32 Flow Through Sync. SRAM

IC61SF6432 Datasheet (PDF)

Go To PDF Page Download Datasheet
IC61SF6432 Datasheet PDF - Integrated Circuit Solution Inc

Part # IC61SF6432
Download  IC61SF6432 Click to download

File Size   144.46 Kbytes
Page   17 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description 64K x 32 Flow Through Sync. SRAM

IC61SF6432 Datasheet (HTML) - Integrated Circuit Solution Inc


IC61SF6432 Product details

DESCRIPTION
TheICSI IC61SF6432 is a high-speed, low-power synchronous static RAM designed to provide a burstable, high-performance, secondary cache for the Pentium™, 680X0™, and PowerPC™ microprocessors. It is organized as 65,536 words by 32 bits, fabricated with ICSIs advanced CMOS technology. The device integrates a 2-bit burst counter, high-speed SRAM core, and high-drive capability outputs into a single monolithic circuit. All synchronous inputs pass through registers controlled by a positive-edge-triggered single clock input.

FEATURES
• Fast access time: 9 ns, 10 ns
• Internal self-timed write cycle
• Individual Byte Write Control and Global Write
• Clock controlled, registered address, data and control
• Pentium™ or linear burst sequence control using MODE input
• Three chip enables for simple depth expansion and address pipelining
• Common data inputs and data outputs
• Power-down control by ZZ input
• JEDEC 100-Pin LQFP and PQFP package
• Single +3.3V power supply
• Two Clock enables and one Clock disable to eliminate multiple bank bus contention.
• Control pins mode upon power-up:
   – FT in pipeline mode
   – MODE in interleave burst mode
   – ZZ in normal operation mode
      These control pins can be connected to GNDQ or VCCQ to alter their power-up state
• Industrial temperature available




Similar Part No. - IC61SF6432

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61SF12832 ICSI-IC61SF12832 Datasheet
174Kb / 17P
128K x 32 Flow Through SyncBurst SRAM
IC61SF12832-10B ICSI-IC61SF12832-10B Datasheet
174Kb / 17P
128K x 32 Flow Through SyncBurst SRAM
IC61SF12832-10TQ ICSI-IC61SF12832-10TQ Datasheet
174Kb / 17P
128K x 32 Flow Through SyncBurst SRAM
IC61SF12832-10TQI ICSI-IC61SF12832-10TQI Datasheet
174Kb / 17P
128K x 32 Flow Through SyncBurst SRAM
IC61SF12832-12B ICSI-IC61SF12832-12B Datasheet
174Kb / 17P
128K x 32 Flow Through SyncBurst SRAM
More results


Similar Description - IC61SF6432

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1336F CYPRESS-CY7C1336F Datasheet
327Kb / 15P
2-Mbit (64K x 32) Flow-Through Sync SRAM
logo
Integrated Circuit Syst...
IC61LV6432 ICST-IC61LV6432 Datasheet
210Kb / 21P
64K x 32 Pipelined Sync. SRAM
logo
Cypress Semiconductor
CY7C1214F CYPRESS-CY7C1214F Datasheet
290Kb / 15P
1-Mb (32K x 32) Flow-Through Sync SRAM
CY7C1336H CYPRESS-CY7C1336H Datasheet
675Kb / 15P
2-Mbit (64K x 32) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1344H CYPRESS-CY7C1344H Datasheet
680Kb / 15P
2-Mbit (64K x 36) Flow-Through Sync SRAM
CY7C1365C CYPRESS-CY7C1365C Datasheet
400Kb / 18P
9-Mbit (256K x 32) Flow-Through Sync SRAM
CY7C1297F CYPRESS-CY7C1297F Datasheet
439Kb / 15P
1-Mbit (64K x 18) Flow-Through Sync SRAM
CY7C1297H CYPRESS-CY7C1297H Datasheet
354Kb / 15P
1-Mbit (64K x 18) Flow-Through Sync SRAM
CY7C1344F CYPRESS-CY7C1344F Datasheet
287Kb / 15P
2-Mbit (64K x 36) Flow-Through Sync SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com