Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURC1515 Datasheet (PDF) - Silicon Supplies

MURC1515 Datasheet PDF - Silicon Supplies
Part # MURC1515
Download  MURC1515 Download
File Size   1965.65 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 150V 15A 35ns Rectifier

MURC1515 Datasheet (PDF)

Go To PDF Page Download Datasheet
MURC1515 Datasheet PDF - Silicon Supplies

Part # MURC1515
Download  MURC1515 Click to download

File Size   1965.65 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 150V 15A 35ns Rectifier

MURC1515 Datasheet (HTML) - Silicon Supplies


MURC1515 Product details

Ultra-Fast recovery rectifier diode in bare die form

Features:
Low leakage current
High forward surge current capability
Low forward voltage drop
Robust construction
High reliability tested grades.




Similar Part No. - MURC1515

ManufacturerPart #DatasheetDescription
logo
Sensitron
MURC1515 SENSITRON-MURC1515 Datasheet
352Kb / 6P
MURC1510-MURC1560 Ultrafast Silicon Die
More results


Similar Description - MURC1515

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEE15-12CC IXYS-DSEE15-12CC Datasheet
516Kb / 2P
HiPerDynFREDTM Epitaxial Diode ISOPLUS220 (15A, 1200V, 35ns)
logo
Fairchild Semiconductor
FDPF390N15A FAIRCHILD-FDPF390N15A Datasheet
628Kb / 9P
N-Channel PowerTrench짰 MOSFET 150V, 15A, 40m
logo
SeCoS Halbleitertechnol...
SMPD15150L SECOS-SMPD15150L Datasheet
215Kb / 2P
150V, 15A Low VF Schottky Barrier Rectifiers
logo
PFC Device Inc.
PT15A150SP PFC-PT15A150SP Datasheet
723Kb / 5P
15A 150V HPTR Schottky Rectifier
PT15H150SP PFC-PT15H150SP Datasheet
723Kb / 5P
15A 150V HPTR Schottky Rectifier
logo
Shindengen Electric Mfg...
D15FY15ST SHINDENGEN-D15FY15ST Datasheet
1Mb / 7P
Schottky Barrier Diodes 150V, 15A
logo
Shenzhen Luguang Electr...
SD15S150SL LUGUANG-SD15S150SL Datasheet
1Mb / 4P
15A/150V Low VF Schottky Rectifier
Revision:20181101-P1
logo
Silicon Supplies
MURC1505 SS-MURC1505 Datasheet
1Mb / 4P
50V 15A 35ns Rectifier
Rev 1.0 27/12/22
MURC1510 SS-MURC1510 Datasheet
1Mb / 4P
100V 15A 35ns Rectifier
Rev 1.0 27/12/22
MURC1520 SS-MURC1520 Datasheet
1Mb / 4P
200V 15A 35ns Rectifier
Rev 1.0 27/12/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com