Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISZ15EP15LM Datasheet (PDF) - Infineon Technologies AG

ISZ15EP15LM Datasheet PDF - Infineon Technologies AG
Part # ISZ15EP15LM
Download  ISZ15EP15LM Download
File Size   1374.42 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM Power-Transistor, -150 V

ISZ15EP15LM Datasheet (PDF)

Go To PDF Page Download Datasheet
ISZ15EP15LM Datasheet PDF - Infineon Technologies AG

Part # ISZ15EP15LM
Download  ISZ15EP15LM Click to download

File Size   1374.42 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM Power-Transistor, -150 V

ISZ15EP15LM Datasheet (HTML) - Infineon Technologies AG


ISZ15EP15LM Product details

Features
• P-channel
• Very low on-resistance RDS(on) @ VGS=4.5 V
• 100% avalanche tested
• Logic level
• Enhancement mode
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21




Similar Part No. - ISZ15EP15LM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISZ106N12LM6 INFINEON-ISZ106N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISZ113N10NM5LF2 INFINEON-ISZ113N10NM5LF2 Datasheet
1Mb / 12P
OptiMOSTM 5 Linear FET 2, 100 V
Rev. 2.1, 2023-11-14
ISZ113N10NM5LF2ATMA1 INFINEON-ISZ113N10NM5LF2ATMA1 Datasheet
1Mb / 12P
OptiMOSTM 5 Linear FET 2, 100 V
Rev. 2.1, 2023-11-14
ISZ143N13NM6 INFINEON-ISZ143N13NM6 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 135 V
Rev. 2.0, 2023-10-16
ISZ173N15NM6 INFINEON-ISZ173N15NM6 Datasheet
1Mb / 11P
MOSFET OptiMOS™ 6 Power‑Transistor, 150 V
Revision 2.0 2024-04-15
More results


Similar Description - ISZ15EP15LM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC093N15NS5 INFINEON-BSC093N15NS5 Datasheet
1Mb / 10P
OptiMOSTM 5 Power-Transistor, 150 V
Rev.2.2,2016-06-10
BSC160N15NS5 INFINEON-BSC160N15NS5 Datasheet
1Mb / 10P
OptiMOSTM 5 Power-Transistor, 150 V
Rev.2.2,2016-01-22
IPT063N15N5 INFINEON-IPT063N15N5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 150 V
Rev. 2.0, 2021-09-23
ISC16DP15LM INFINEON-ISC16DP15LM Datasheet
1Mb / 11P
OptiMOSTM Power-Transistor, -150 V
Rev. 2.0, 2022-10-07
ISZ56DP15LM INFINEON-ISZ56DP15LM Datasheet
1Mb / 11P
OptiMOSTM Power-Transistor, -150 V
Rev. 2.0, 2022-10-13
ISZ75DP15LM INFINEON-ISZ75DP15LM Datasheet
1Mb / 11P
OptiMOSTM Power-Transistor, -150 V
Rev. 2.0, 2022-10-13
BSC110N15NS5SC INFINEON-BSC110N15NS5SC Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 150 V
Rev. 2.1, 2022-10-07
BSC160N15NS5SC INFINEON-BSC160N15NS5SC Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 150 V
Rev. 2.1, 2022-10-07
BSC074N15NS5 INFINEON-BSC074N15NS5 Datasheet
976Kb / 11P
OptiMOSTM 5 Power-Transistor, 150 V
Rev. 2.0, 2019-09-18
IQE220N15NM5 INFINEON-IQE220N15NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 150 V
Rev. 2.0, 2022-06-03
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com