Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPQ4228 Datasheet (PDF) - Shenzhen Codaca Electronic Co.,Ltd

CPQ4228 Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd
Part # CPQ4228
Download  CPQ4228 Download
File Size   783.03 Kbytes
Page   4 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description High Current Power Inductor

CPQ4228 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPQ4228 Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd

Part # CPQ4228
Download  CPQ4228 Click to download

File Size   783.03 Kbytes
Page   4 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description High Current Power Inductor

CPQ4228 Datasheet (HTML) - Shenzhen Codaca Electronic Co.,Ltd


CPQ4228 Product details

Features:
▪ Core material:Ferrite
▪ Core and winding loss:
See
▪ Environmental: RoHS, Reach compliant ,Halogen free
▪ Weight:130.5g
▪ Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at <30°C / 85% relative humidity)
▪ Operating temperature range: -40℃~+125℃
(including coil’s self temperature rise).
▪ Storage temperature range: -40℃~+125℃

Application:
▪ Designed for high-efficiency power supplies requiring high
Current and high inductance
▪ DC/DC converters in distributed power systems and etc




Similar Part No. - CPQ4228

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPQ057 CENTRAL-CPQ057 Datasheet
37Kb / 1P
TRIAC 2.0 Amp, 600 Volt TRIAC Chip
CPQ090 CENTRAL-CPQ090 Datasheet
127Kb / 2P
TRIAC 4.0 Amp, 600 Volt TRIAC Chip
CPQ110 CENTRAL-CPQ110 Datasheet
33Kb / 1P
Triac 8.0 Amp, 600 Volt Triac Chip
CPQ114-CQD-8M3 CENTRAL-CPQ114-CQD-8M3 Datasheet
457Kb / 4P
Three Quadrant TRIAC Die 8.0 Amp, 600 Volt
CPQ128-CQDD-12M3 CENTRAL-CPQ128-CQDD-12M3 Datasheet
459Kb / 4P
Three Quadrant TRIAC Die 12 Amp, 600 Volt
More results


Similar Description - CPQ4228

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
Power Inductor - High Current
logo
Shenzhen Codaca Electro...
CSBX0650 CODACA-CSBX0650 Datasheet
718Kb / 5P
High Current Power Inductor
Revised: 07/14/2020
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
High Current Power Inductor
07/14/2020
CPU2916 CODACA-CPU2916 Datasheet
761Kb / 4P
High Current Power Inductor
07/14/2020
CSCF2918H CODACA-CSCF2918H Datasheet
832Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2722 CODACA-CPEX2722 Datasheet
764Kb / 4P
High Current Power Inductor
07/14/2020
CSCM1460 CODACA-CSCM1460 Datasheet
897Kb / 5P
High Current Power Inductor
07/14/2020
CSCM1480L CODACA-CSCM1480L Datasheet
871Kb / 5P
High Current Power Inductor
07/14/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com