Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2815CM-G1 Datasheet (PDF) - Diodes Incorporated

AP2815CM-G1 Datasheet PDF - Diodes Incorporated
Part # AP2815CM-G1
Download  AP2815CM-G1 Download
File Size   633.55 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5A High-side Power Distribution Switch with Enable and Flag

AP2815CM-G1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2815CM-G1 Datasheet PDF - Diodes Incorporated

Part # AP2815CM-G1
Download  AP2815CM-G1 Click to download

File Size   633.55 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5A High-side Power Distribution Switch with Enable and Flag

AP2815CM-G1 Datasheet (HTML) - Diodes Incorporated


AP2815CM-G1 Product details

Features
• Low MOSFET on Resistance: 60mΩ @ VIN=5.0V
• Compliant to USB Specifications
• Operating Voltage Range: 2.7V to 5.5V
• Low Supply Current: 65μA (Typ.)
• Low Shutdown Current: 1.0μA (Max)
• Guarantee 1.5A Continuous Load
• Current Limit: 1.65A (Min), 2.8A (Max)
• Under-voltage Lockout
• Logic Level Enable Pin: eAvailable in Active-high or Active-low Version
• Soft Start-up
• Over-current Protection
• Over Temperature Protection
• Load Short Protection with Fold-back
• No Reverse Current when Power Off
• Deglitched FLAG Output with Open Drain
• eWith Output Shutdown Pull-low Resistor for eA/C Versions
• UL Approved (File No. E339337)
• Nemko CB Scheme IEC60950-1, Ref. Certif No. NO64001

Applications
• USB Power Management
• USB Bus/Self Powered Hubs
• Hot-plug Power Supplies
• Battery-Charger circuits
• Notebook, Motherboard PCs




Similar Part No. - AP2815CM-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2815CM-G1 BCDSEMI-AP2815CM-G1 Datasheet
634Kb / 16P
1.5A High-side Power Distribution Switch with Enable and Flag
More results


Similar Description - AP2815CM-G1

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
80m廓, 1.5A High-Side Power Switches with Flag
logo
Unisonic Technologies
US204 UTC-US204_15 Datasheet
249Kb / 6P
1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
BCD Semiconductor Manuf...
AP2805 BCDSEMI-AP2805 Datasheet
691Kb / 16P
500mA High-side Power Distribution Switch with Enable and Flag
AP2810 BCDSEMI-AP2810 Datasheet
684Kb / 14P
1.0A High-side Power Distribution Switch with Enable and Flag
AP2815 BCDSEMI-AP2815 Datasheet
634Kb / 16P
1.5A High-side Power Distribution Switch with Enable and Flag
AP2820 BCDSEMI-AP2820 Datasheet
653Kb / 18P
High-side Power Distribution Switch with Enable and Flag
AP2821 BCDSEMI-AP2821 Datasheet
717Kb / 17P
High-side Power Distribution Switch with Enable
logo
Union Semiconductor, In...
UM9711 UNIONSEMI-UM9711 Datasheet
474Kb / 10P
90m(ohm), 1.5A High-Side Power Switches with Flag
logo
Diodes Incorporated
AP2810 DIODES-AP2810 Datasheet
684Kb / 14P
1.0A High-side Power Distribution Switch with Enable and Flag
Jul. 2012 Rev 1. 2
AP2821 DIODES-AP2821 Datasheet
717Kb / 17P
High-side Power Distribution Switch with Enable
Mar. 2013 Rev 2. 0
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com