Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1328DI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1328DI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1328DI
Download  AOZ1328DI Download
File Size   1587.46 Kbytes
Page   16 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description ECPower™ 20V 18mΩ Protection Switch with True Reverse Current Blocking

AOZ1328DI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1328DI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1328DI
Download  AOZ1328DI Click to download

File Size   1587.46 Kbytes
Page   16 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description ECPower™ 20V 18mΩ Protection Switch with True Reverse Current Blocking

AOZ1328DI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1328DI Product details

General Description
The AOZ1328DI power switch is intended for
applications that require circuit protections. The input
operating voltage ranges between 3.4V and 22V, making
it ideal for USB Type-C power delivery applications. The
VIN terminal is rated as 28V Absolute Maximum. The
AOZ1328DI provides under-voltage lockout, over-voltage
and over-temperature protection function. The overvoltage
protection threshold is selectable through the
POVP pin. The internal soft-start
circuitry controls inrush current due to highly capacitive
loads. The slew rate can be adjusted using an external
capacitor.
The AOZ1328DI has True Reverse Current Blocking
(TRCB) protection to avoid undesired reverse-current
from VOUT to VIN at all time.
The AOZ1328DI is available in a thermally enhanced
3mm x 3mm DFN-12 package which can operate over
-40°C to +125°C junction temperature range.

Features
 18m typical ON resistance
 9A continuous current
 20A peak current for 10ms @ 2% duty cycle
 3.4V to 22V operating input voltage
 VIN, VOUT are rated 28V Abs max.
 True reverse current blocking
 Selectable over-voltage protection
 Programmable soft-start
 VIN Under-voltage lockout
 VIN and VOUT over-voltage lockout
 Thermal shutdown protection
 ±4kV HBM ESD rating
 IEC 61000-4-2: ±8kV on VIN
 IEC 61000-4-5: 40V on VOUT, No Capacitor
 DFN3x3-12L package

Applications
 Thunderbolt/USB Type-C PD power
switch
 Portable devices
 Notebook/desktop computers
 Monitors
 Docking station/dongles




Similar Part No. - AOZ1328DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1320 AOSMD-AOZ1320 Datasheet
1Mb / 18P
Load Switch with Controlled Slew Rate
AOZ1320CI-01 AOSMD-AOZ1320CI-01 Datasheet
1Mb / 18P
Load Switch with Controlled Slew Rate
AOZ1320CI-02 AOSMD-AOZ1320CI-02 Datasheet
1Mb / 18P
Load Switch with Controlled Slew Rate
AOZ1320CI-03 AOSMD-AOZ1320CI-03 Datasheet
1Mb / 18P
Load Switch with Controlled Slew Rate
AOZ1320CI-04 AOSMD-AOZ1320CI-04 Datasheet
1Mb / 18P
Load Switch with Controlled Slew Rate
More results


Similar Description - AOZ1328DI

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM9705 HMSEMI-HM9705 Datasheet
575Kb / 8P
3A Current Limited Load Switch with True Reverse Current Blocking
logo
Toshiba Semiconductor
TCK2291XG TOSHIBA-TCK2291XG Datasheet
701Kb / 15P
2A Load Switch IC with True Reverse Current Blocking
2021-02-24
logo
Alpha & Omega Semicondu...
AOZ1324DI AOSMD-AOZ1324DI Datasheet
1Mb / 14P
ECPower™ 20V 32mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.0 December 2019
AOZ1327DI AOSMD-AOZ1327DI Datasheet
2Mb / 16P
ECPower™ 20V 20mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.2 April 2020
AOZ1353DI AOSMD-AOZ1353DI Datasheet
1Mb / 16P
5V/3.5A ECPower™ Smart Current-Limited Load Switch with True Reverse-Current Blocking
Rev. 1.6 June 2022
AOZ1353LI AOSMD-AOZ1353LI Datasheet
1Mb / 15P
5V/3A ECPower™ Protection Switch with True Reverse-Current Blocking
Rev. 1.3 March 2019
AOZ13984DI-02 AOSMD-AOZ13984DI-02 Datasheet
962Kb / 17P
ECPower™ 20V 33mΩ Smart Protection Switch True Reverse Current Blocking
Rev. 1.0 December 2020
AOZ13987DI-02 AOSMD-AOZ13987DI-02 Datasheet
1,003Kb / 17P
ECPower™ 23V 20mΩ Smart Protection Switch With Ideal Diode True Reverse Current Blocking
Rev. 1.1 May 2022
AOZ1373DI AOSMD-AOZ1373DI Datasheet
1Mb / 14P
ECPower™ 20V 39mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.0 December 2019
AOZ1376DI AOSMD-AOZ1376DI Datasheet
1Mb / 14P
ECPower™ 20V 20mΩ Protection Switch with True Reverse Current Blocking
Rev. 2.3 December 2019
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com