Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1336DI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1336DI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1336DI
Download  AOZ1336DI Download
File Size   1031.15 Kbytes
Page   14 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Single Channel Smart Load Switch

AOZ1336DI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1336DI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1336DI
Download  AOZ1336DI Click to download

File Size   1031.15 Kbytes
Page   14 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Single Channel Smart Load Switch

AOZ1336DI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1336DI Product details

General Description
The AOZ1336DI is a single channel load switch with
typical 27mΩ on-resistance in a small package. It
contains an n-channel MOSFET for up to 5.5V input
voltage operation and 4A current channel with 2.5V to 5V
bias supply. The load switch is independently controlled
by a low voltage control signal through ON pin.
The AOZ1336DI integrates an internal 220Ω load
resistor for quick output discharge when load switch is
off. The optional external capacitor connected CT for
output slew rate control.
The AOZ1336DI is available in a 2mm x 2mm DFN-8L
package with bottom thermal pad and is rated over a
-40°C to +85°C ambient temperature range.

Features
 0.8V to 5.5V input voltage range
 4A continuous current
 Low RDS(ON) internal NFETs
– 27mΩ at VBIAS = 2.5V to 5V & VBIAS > VIN
 50μA low quiescent current
 Adjustable rise time
 2.5V to 5V bias voltage
 Integrated quick output discharge resistor
 Thermally enhanced 2mm x 2mm DFN-8L package

Applications
 Portable computers
 Ultrabooks
 Tablet PC
 Set top boxes
 LCD TVs
 Telecom/Networking/Datacom
equipment
 SSD
 Consumer electronics




Similar Part No. - AOZ1336DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1331ADI AOSMD-AOZ1331ADI Datasheet
854Kb / 14P
Dual Channel Smart Load Switch
Rev. 1.3 July 2018
AOZ1331DI AOSMD-AOZ1331DI Datasheet
1Mb / 14P
Dual Channel Smart Load Switch
AOZ1334DI-01 AOSMD-AOZ1334DI-01 Datasheet
1Mb / 12P
Single Channel Smart Load Switch
Rev. 1.0 May 2014
More results


Similar Description - AOZ1336DI

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DML1005LDS DIODES-DML1005LDS Datasheet
1Mb / 10P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 2
DML1007LDS DIODES-DML1007LDS Datasheet
872Kb / 10P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 2
DML1008LDS DIODES-DML1008LDS Datasheet
1Mb / 11P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 1
DML10M8LDS DIODES-DML10M8LDS Datasheet
667Kb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 1
DML1006LDS DIODES-DML1006LDS_17 Datasheet
669Kb / 11P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 1
DML3006LFDS DIODES-DML3006LFDS Datasheet
1Mb / 9P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 3
DLS3035FGBQ DIODES-DLS3035FGBQ Datasheet
1Mb / 8P
SINGLE CHANNEL SMART LOAD SWITCH
August 2022 Rev. 2 - 2
DML3010LFDS DIODES-DML3010LFDS Datasheet
1Mb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
July 2022 Rev. 4 - 2
DML3011LFDS DIODES-DML3011LFDS Datasheet
1Mb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
July 2022 Rev. 5 - 2
DML3012LDC DIODES-DML3012LDC Datasheet
1Mb / 13P
SINGLE CHANNEL SMART LOAD SWITCH
December 2022 Rev. 7 - 2
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com