Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1356LI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1356LI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1356LI
Download  AOZ1356LI Download
File Size   1368.84 Kbytes
Page   16 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 5V/3A ECPower™ Protection Switch Supporting USB PD Fast Role Swap

AOZ1356LI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1356LI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1356LI
Download  AOZ1356LI Click to download

File Size   1368.84 Kbytes
Page   16 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 5V/3A ECPower™ Protection Switch Supporting USB PD Fast Role Swap

AOZ1356LI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1356LI Product details

General Description
The AOZ1356LI is a current-limiting protection switch
targeting applications that require comprehensive protections.
For AOZ1356LI-01 and -02 the input operating
voltage range is 3.4V to 5.5V, and for AOZ1356LI-
05 and -06, the input operating voltage range is
between 3.6V and 5.3V. The output terminal is rated
28V absolute maximum. The internal current-limiting
circuit protects the supply from large load current. The
current limit level is set with an external resistor. The
internal soft-start circuit controls inrush current due to
highly capacitive loads. The device features very low
quiescent current. The supply current reduces to 6μA
in shut-down. It also has under-voltage lockout
(UVLO), over-voltage protection (OVP) and thermal
shutdown protection.
The AOZ1356LI has True Reverse-Current Blocking
(TRCB) protection to avoid undesired reverse-current
from VOUT to VIN.
The AOZ1356LI supports USB PD Fast Role Swap.
When FON pin is high, the device is in fast turn-on
mode to ensure output voltage rises quickly to meet
USB PD spec. The device also features fast recovery
to turn on power switch once reverse current blocking
protection is de-activated.
The AOZ1356LI is available in 1.31mm x 1.81mm
WLCP package with 0.4mm pitch and 12-bumps.

Features
 28V voltage rating on VOUT pin
 Up to 3.5A current capability
 Typical RON: 34mΩ
 Supports USB PD Fast Role Swap (FRS)
 Programmable current limit
 True Reverse-Current Blocking (TRCB)
 Fast recovery from TRCB
 125μA quiescent current
 Over-voltage protection
 Short-circuit protection
 Input under-voltage lockout
 Thermal shutdown protection
 ±4kV HBM rating
 ±1kV CDM rating
 IEC61000-4-5: 45V (No Cap)
 WLCSP-12 1.31mm x 1.81mm 0.4 pitch
 UL Pending

Applications
 USB PD power source switch
 Smartphones and tablets
 Notebooks, ultra books and desktops
 Portable devices




Similar Part No. - AOZ1356LI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1356DI AOSMD-AOZ1356DI Datasheet
1Mb / 18P
5V/3.5A ECPower™ Protection Switch Supporting USB PD Fast Role Swap
Rev. 2.2 October 2021
AOZ1356DI-01 AOSMD-AOZ1356DI-01 Datasheet
1Mb / 18P
5V/3.5A ECPower™ Protection Switch Supporting USB PD Fast Role Swap
Rev. 2.2 October 2021
AOZ1356DI-02 AOSMD-AOZ1356DI-02 Datasheet
1Mb / 18P
5V/3.5A ECPower™ Protection Switch Supporting USB PD Fast Role Swap
Rev. 2.2 October 2021
AOZ1356DI-05 AOSMD-AOZ1356DI-05 Datasheet
1Mb / 18P
5V/3.5A ECPower™ Protection Switch Supporting USB PD Fast Role Swap
Rev. 2.2 October 2021
AOZ1356DI-06 AOSMD-AOZ1356DI-06 Datasheet
1Mb / 18P
5V/3.5A ECPower™ Protection Switch Supporting USB PD Fast Role Swap
Rev. 2.2 October 2021
More results


Similar Description - AOZ1356LI

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPS1133 DIODES-DPS1133 Datasheet
1Mb / 16P
24V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
December 2019
DPS1135 DIODES-DPS1135 Datasheet
929Kb / 17P
24V/5A 1-CH POWER SWITCH WITH FAST ROLE SWAP
October 2020
DPS1113 DIODES-DPS1113 Datasheet
808Kb / 16P
5V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
November 2019
logo
Alpha & Omega Semicondu...
AOZ1353LI AOSMD-AOZ1353LI Datasheet
1Mb / 15P
5V/3A ECPower™ Protection Switch with True Reverse-Current Blocking
Rev. 1.3 March 2019
AOZ1356DI AOSMD-AOZ1356DI Datasheet
1Mb / 18P
5V/3.5A ECPower™ Protection Switch Supporting USB PD Fast Role Swap
Rev. 2.2 October 2021
logo
Diodes Incorporated
DPS1133FIAQ DIODES-DPS1133FIAQ Datasheet
1Mb / 16P
24V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
July 2020 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AOZ1373DI AOSMD-AOZ1373DI Datasheet
1Mb / 14P
ECPower™ 20V 39mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.0 December 2019
AOZ1382DI-01 AOSMD-AOZ1382DI-01 Datasheet
2Mb / 22P
ECPower™ Type-C PD Ideal Diode Sink/Source Combo 2-in-1 Protection Switch
Rev. 1.1 September 2022
AOZ1358LI-01 AOSMD-AOZ1358LI-01 Datasheet
965Kb / 16P
ECPower™ 5V 34mΩ Smart Protection Switch Supporting FRS, Ideal Diode TRCB, 80V Surge
Rev. 1.3 August 2022
logo
Microchip Technology
UCS3205 MICROCHIP-UCS3205 Datasheet
2Mb / 30P
5A, 22V Bidirectional Load Switch with Fast Role Swap
Revision A September 2020
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com