Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

540219 Datasheet (PDF) - Alpha Wire

540219 Datasheet PDF - Alpha Wire
Part # 540219
Download  540219 Download
File Size   97.71 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

540219 Datasheet (PDF)

Go To PDF Page Download Datasheet
540219 Datasheet PDF - Alpha Wire

Part # 540219
Download  540219 Click to download

File Size   97.71 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

540219 Datasheet (HTML) - Alpha Wire


540219 Product details

Construction
1) Component 1 1 X 1 HOOKUP
a) Conductor 2 (19/.0591) AWG Bare Copper 0.287
b) Insulation
0.042" Wall, Nom. PVC/ 0.007" Wall
NYLON
0.385
(1) Print
ALPHA WIRE-* P/N 540219 2 AWG
E163870 (UL) TYPE THHN OR THWN 600V VW-1
* = Factory Code
(2) Color(s)
WHITE, BLACK, RED, GREEN, YELLOW, BLUE, BROWN
ORANGE, SLATE, VIOLET, GREEN/YELLOW




Similar Part No. - 540219

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
54021 GILWAY-54021 Datasheet
30Kb / 2P
20 watt, tungsten halogen low voltage without reflector
logo
Festo Corporation.
540210 FESTO-540210 Datasheet
87Kb / 2P
Pressure sensor
540211 FESTO-540211 Datasheet
93Kb / 2P
Pressure sensor
540212 FESTO-540212 Datasheet
87Kb / 2P
Pressure sensor
540213 FESTO-540213 Datasheet
93Kb / 2P
Pressure sensor
More results


Similar Description - 540219

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com