Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT3S38T Datasheet (PDF) - Toshiba Semiconductor

MT3S38T Datasheet PDF - Toshiba Semiconductor
Part # MT3S38T
Download  MT3S38T Download
File Size   132.49 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR SILICON NPN EPITAXIAL PLANER TYPE

MT3S38T Datasheet (PDF)

Go To PDF Page Download Datasheet
MT3S38T Datasheet PDF - Toshiba Semiconductor

Part # MT3S38T
Download  MT3S38T Click to download

File Size   132.49 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR SILICON NPN EPITAXIAL PLANER TYPE

MT3S38T Datasheet (HTML) - Toshiba Semiconductor


MT3S38T Product details

VCO OSCILLETOR STAGE
UHF LOW NOISE AMPLIFIER APPLICATION

FEATURES
• Low Noise Figure :NF=1.2dB (@f=2GHz)
• High Gain:|S21e|2=11dB (@f=2GHz)




Similar Part No. - MT3S38T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT3S35FS TOSHIBA-MT3S35FS Datasheet
138Kb / 4P
UHF Low-Noise Amplifier Application
MT3S35T TOSHIBA-MT3S35T Datasheet
122Kb / 4P
CMOS ST-BUS Family Multiple Rate Digital Switch
MT3S35T TOSHIBA-MT3S35T Datasheet
126Kb / 4P
UHF LOW NOISE AMPLIFIER APPLICATION
MT3S35T TOSHIBA-MT3S35T_07 Datasheet
126Kb / 4P
UHF LOW NOISE AMPLIFIER APPLICATION
MT3S36FS TOSHIBA-MT3S36FS Datasheet
121Kb / 4P
UHF Low-Noise Amplifier Application
More results


Similar Description - MT3S38T

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1980 PANASONIC-2SC1980 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type
2SD1820A PANASONIC-2SD1820A Datasheet
60Kb / 2P
Silicon NPN epitaxial planer type
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
UN921MJ PANASONIC-UN921MJ Datasheet
315Kb / 18P
Silicon NPN epitaxial planer type
2SC1215 PANASONIC-2SC1215 Datasheet
62Kb / 3P
Silicon NPN epitaxial planer type
logo
Toshiba Semiconductor
MT3S36T TOSHIBA-MT3S36T Datasheet
118Kb / 4P
TRANSISTOR SILICON NPN EPITAXIAL PLANER TYPE
logo
Guangdong Kexin Industr...
BF620 KEXIN-BF620 Datasheet
52Kb / 2P
Silicon NPN epitaxial planer type
2SD2459 KEXIN-2SD2459 Datasheet
51Kb / 2P
Silicon NPN epitaxial planer type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com