Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM7580SM Datasheet (PDF) - International Rectifier

OM7580SM Datasheet PDF - International Rectifier
Part # OM7580SM
Download  OM7580SM Download
File Size   66.97 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Ultra Low Dropout, 7.0 A Adjustable Positive Linear Regulator Surface-Mount (SMD-6)

OM7580SM Datasheet (PDF)

Go To PDF Page Download Datasheet
OM7580SM Datasheet PDF - International Rectifier

Part # OM7580SM
Download  OM7580SM Click to download

File Size   66.97 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Ultra Low Dropout, 7.0 A Adjustable Positive Linear Regulator Surface-Mount (SMD-6)

OM7580SM Datasheet (HTML) - International Rectifier


OM7580SM Product details

Description

The OM7580SM is a 7.0A , ultra low dropout, adjustable linear regulator specifically designed for low voltage, high current applications. Housed in a hermetic package, the dropout of this device is 540mV at full load and as low a 100mV at light loads. The low dropout is achieved by an additional low current input voltage. This unit is ideally suited for military/defense, commercial aircraft, industrial control and other harsh environments where a hermetically sealed package is required.



Features:

■ Dropout Voltage of 540mV at Full Load

■ Dropout Voltage of 100mV at Light Loads

■ Fast Transient Response

■ Adjustable Output: 1.8 to 5.5V

■ Remote Sense

■ Hermetic SMD-6 Package ensures High Reliability



 




Similar Part No. - OM7580SM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7580SC IRF-OM7580SC Datasheet
71Kb / 4P
10-bit 70 MSPS 6 Channel Imaging Signal Processor withLVDS Output
More results


Similar Description - OM7580SM

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5921KRHU MSK-MSK5921KRHU Datasheet
331Kb / 7P
RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
logo
International Rectifier
OM7764ASM IRF-OM7764ASM Datasheet
176Kb / 5P
Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator Surface Mount (SMD-6)
OM7581SM IRF-OM7581SM Datasheet
52Kb / 4P
Ultra Low Dropout, 10A Adjustable Positive Linear Regulator Surface Mount (SMD-6C)
IRUH33PA13B1M IRF-IRUH33PA13B1M Datasheet
62Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH33PA13B20 IRF-IRUH33PA13B20 Datasheet
108Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23A1M IRF-IRUH50PA23A1M Datasheet
107Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23B1M IRF-IRUH50PA23B1M Datasheet
108Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23B20 IRF-IRUH50PA23B20 Datasheet
108Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
logo
Anaren Microwave
MSK5800RH ANAREN-MSK5800RH Datasheet
960Kb / 10P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5810RH ANAREN-MSK5810RH Datasheet
1Mb / 10P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com