Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002W Datasheet (PDF) - Weitron Technology

2N7002W Datasheet PDF - Weitron Technology
Part # 2N7002W
Download  2N7002W Download
File Size   104.72 Kbytes
Page   4 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description N-Channel MOSFET

2N7002W Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002W Datasheet PDF - Weitron Technology

Part # 2N7002W
Download  2N7002W Click to download

File Size   104.72 Kbytes
Page   4 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description N-Channel MOSFET

2N7002W Datasheet (HTML) - Weitron Technology


2N7002W Product details

Features:

* Low On-Resistance : 7.5Ω

* Low Input Capacitance: 22PF

* Low Output Capacitance : 11PF

* Low Threshold Voltage :1 .5V(TYE)

* Fast Switching Speed : 7ns

 



 




Similar Part No. - 2N7002W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002W DIODES-2N7002W Datasheet
68Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30099 Rev. 4P-1
2N7002W DIODES-2N7002W Datasheet
81Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30099 Rev. 9 - 2
logo
Pan Jit International I...
2N7002W PANJIT-2N7002W Datasheet
161Kb / 5P
60V N-Channel Enhancement Mode MOSFET
logo
TRANSYS Electronics Lim...
2N7002W TEL-2N7002W Datasheet
112Kb / 1P
Plastic-Encapsulated Transistors
logo
Fairchild Semiconductor
2N7002W FAIRCHILD-2N7002W Datasheet
266Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - 2N7002W

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com