Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC53002RTER Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
DAC53002RTER Datasheet PDF - Texas Instruments
Part # DAC53002RTER
Download  DAC53002RTER Download
File Size   3323.66 Kbytes
Page   85 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DACx300x 12-Bit and 10-Bit Ultra-Low Power Dual and Single Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface

DAC53002RTER Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC53002RTER Datasheet PDF - Texas Instruments

Part # DAC53002RTER
Download  DAC53002RTER Click to download

File Size   3323.66 Kbytes
Page   85 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DACx300x 12-Bit and 10-Bit Ultra-Low Power Dual and Single Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface

DAC53002RTER Datasheet (HTML) - Texas Instruments


DAC53002RTER Product details

1 Features
• Programmable voltage or current outputs with
flexible configuration:
– Voltage outputs:
• 1 LSB INL and DNL (10-bit)
• Gains of 1x, 1.5x, 2x, 3x, and 4x
– Current outputs:
• 1 LSB INL and DNL (8-bit)
• Unipolar and bipolar output range options
from 25 μA to 250 μA
• 35-μA/channel IDD in voltage-output mode
• Programmable comparator mode for all channels
• High-impedance output when VDD is off
• High-impedance and resistive pulldown powerdown
modes
• 50-MHz SPI-compatible interface
• Automatically detected I2C, PMBus™, or SPI
interface
– 1.62-V VIH with VDD = 5.5 V
• General-purpose input/output (GPIO) configurable
as multiple functions
• Predefined waveform generation: sine, cosine,
triangular, sawtooth
• User-programmable nonvolatile memory (NVM)
• Internal, external, or power-supply as reference
• Wide operating range:
– Power supply: 1.8 V to 5.5 V
– Temperature: –40˚C to +125˚C
• Tiny package: 16-pin WQFN (3 mm × 3 mm)

2 Applications
• Land mobile radio
• Pulse oximeter
• Optical module
• Standard notebook PC

3 Description
The 12-bit DAC63001 and DAC63002, and the 10‑bit
DAC53001 and DAC53002 (collectively referred to as
the DACx300x) are a pin-compatible family of ultralow-
power, single-channel and dual-channel, buffered
voltage-output and current-output smart digital-toanalog
converters (DACs). The DACx300x devices
support Hi-Z power-down mode and Hi-Z output
during power-off conditions. The DAC outputs provide
a force-sense option for use as a programmable
comparator and current sink. The multifunction GPIO,
function generation, and NVM enable these smart
DACs for processor-less applications and design
reuse. These devices automatically detect I2C,
PMBus, and SPI interfaces and contain an internal
reference.
The feature set combined with the tiny package and
ultra-low power make these smart DACs an excellent
choice for applications such as land mobile radios,
pulse oximeters, notebook PCs, and other batteryoperated
applications for biasing, calibration, and
waveform generation.




Similar Part No. - DAC53002RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC53002RTER TI-DAC53002RTER Datasheet
3Mb / 85P
DACx300x 12-Bit and 10-Bit Ultra-Low Power Dual and Single Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface
MAY 2022
More results


Similar Description - DAC53002RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC63004 TI-DAC63004 Datasheet
2Mb / 62P
DACx3004 12-Bit and 10-Bit, Ultra-Low-Power, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI
DAC63204 TI-DAC63204 Datasheet
2Mb / 63P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DAC63004 TI-DAC63004_V01 Datasheet
2Mb / 63P
DACx3004 12-Bit and 10-Bit, Ultra-Low-Power, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI
DAC63204 TI-DAC63204_V01 Datasheet
2Mb / 63P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
SLASEX3 ??MARCH 2021
DAC63004 TI-DAC63004_V02 Datasheet
3Mb / 83P
DACx3004 12-Bit and 10-Bit, Ultra-Low-Power, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI
DECEMBER 2021
DAC63204 TI-DAC63204_V02 Datasheet
3Mb / 82P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DECEMBER 2021
DAC53001 TI-DAC53001 Datasheet
3Mb / 85P
DACx300x 12-Bit and 10-Bit Ultra-Low Power Dual and Single Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface
MAY 2022
DAC53202 TI-DAC53202 Datasheet
3Mb / 83P
DACx3202 12-Bit and 10-Bit, Dual, Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface
MAY 2022
DAC53004W TI1-DAC53004W Datasheet
2Mb / 85P
DACx3004W 12-Bit and 10-Bit, Ultra-Low-Power, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, SPI, or PMBus Interface
MARCH 2023
DAC63202W TI-DAC63202W Datasheet
2Mb / 82P
DAC63202W 12-Bit, Dual, Voltage and Current Output Smart DACs With Auto‑Detected I2C, SPI, or PMBus™ Interface in DSBGA
APRIL 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com