Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5149 Datasheet (PDF) - Texas Instruments

LM5149 Datasheet PDF - Texas Instruments
Part # LM5149
Download  LM5149 Download
File Size   6129.85 Kbytes
Page   72 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LM5149 80-V, Synchronous, Buck, DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter

LM5149 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5149 Datasheet PDF - Texas Instruments

Part # LM5149
Download  LM5149 Click to download

File Size   6129.85 Kbytes
Page   72 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LM5149 80-V, Synchronous, Buck, DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter

LM5149 Datasheet (HTML) - Texas Instruments


LM5149 Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Two integrated EMI mitigation mechanisms
– Active EMI Filter for enhanced EMI
performance at lower frequencies
– Selectable dual random spread spectrum
(DRSS) for enhanced EMI performance across
low and high-frequency bands
– EMI reduced by an average of 25 dBμV
– Reduces the external differential-mode input
filter size by 50% and lowers systems cost
– Optimized for CISPR 32 Class B requirements
• Versatile synchronous buck DC/DC controller
– Wide input voltage range of 3.5 V to 80 V
– 1% accurate, fixed 3.3 V, 5 V, 12 V, or
adjustable output from 0.8 V to 55 V
– 150°C maximum junction temperature
– Shutdown mode current: 2.3 μA
– No-load sleep current: 9.5 μA
– Stackable up to two phases
– Advanced dropout with frequency foldback
• Switching frequency from 100 kHz to 2.2 MHz
– SYNC in and SYNC out capability
• Inherent protection features for robust design
– Internal hiccup-mode overcurrent protection
– ENABLE and PGOOD functions
– VCC, VDDA, and gate-drive UVLO protection
– Internal or external loop compensation
– Thermal shutdown protection with hysteresis
• Create a custom design using the LM5149 with
WEBENCH® Power Designer

2 Applications
• Building automation
• Industrial transport
• Wireless infrastucture
• Test and measurement

3 Description
The LM5149 is a 80-V, ultra-low IQ synchronous
buck DC/DC controller for high-current, single-output
applications. The controller uses a peak current-mode
control architecture for easy loop compensation,
fast transient response, and excellent load and line
regulation. The LM5149 can be set up in interleaved
dual-phase mode with accurate current sharing for
high-current applications. The device can operate with
VIN as low as 3.5 V, at nearly 100% duty cycle if
needed.
The LM5149 has two unique EMI reduction features:
active EMI filter and dual random spread spectrum
(DRSS). The active EMI filter senses any noise
or ripple voltage on the DC input bus and injects
an out-of-phase cancellation signal to reduce the
disturbance. DRSS combines low-frequency triangular
and high-frequency randomized modulations to
mitigate EMI across lower and higher frequency
bands, respectively. This hybrid technique aligns with
the multiple resolution bandwidth (RBW) settings
specified in industry-standard EMC tests.




Similar Part No. - LM5149

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5149 TI-LM5149 Datasheet
4Mb / 69P
LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM5149 TI-LM5149 Datasheet
5Mb / 70P
LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
LM5149 TI2-LM5149 Datasheet
3Mb / 74P
LM5137 4V to 80V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
OCTOBER 2025
LM5149 TI2-LM5149 Datasheet
3Mb / 73P
LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
OCTOBER 2025
LM5149 TI2-LM5149 Datasheet
3Mb / 60P
LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
OCTOBER 2025
More results


Similar Description - LM5149

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5143-Q1 TI1-LM5143-Q1 Datasheet
1Mb / 57P
3.5-V to 65-V Low IQ, Dual Synchronous Buck DC/DC Controller
LM25149 TI-LM25149 Datasheet
2Mb / 49P
LM25149 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
LM25149-Q1 TI-LM25149-Q1 Datasheet
3Mb / 51P
LM25149-Q1 42-V Automotive Synchronous Buck DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
LM25148 TI-LM25148 Datasheet
5Mb / 64P
LM25148 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
DECEMBER 2021
LM25143 TI-LM25143 Datasheet
4Mb / 69P
LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM5143 TI-LM5143 Datasheet
4Mb / 70P
LM5143 3.5-V to 65-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM5149-Q1 TI-LM5149-Q1 Datasheet
5Mb / 70P
LM5149-Q1 80-V Automotive Synchronous Buck DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
REVISED OCTOBER 2022
LM5149-Q1 TI-LM5149-Q1_V01 Datasheet
5Mb / 70P
LM5149-Q1 80-V Automotive, Synchronous, Buck, DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
REVISED DECEMBER 2022
LM5148-Q1 TI1-LM5148-Q1 Datasheet
5Mb / 67P
LM5148-Q1 80-V, Automotive, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
LM5148 TI-LM5148 Datasheet
5Mb / 70P
LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com