Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1375DI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1375DI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1375DI
Download  AOZ1375DI Download
File Size   5688.27 Kbytes
Page   17 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description ECPower™ 23 V 18 mΩ Bidirectional Load Switch with Over-Voltage and Over-Current Protection

AOZ1375DI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1375DI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1375DI
Download  AOZ1375DI Click to download

File Size   5688.27 Kbytes
Page   17 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description ECPower™ 23 V 18 mΩ Bidirectional Load Switch with Over-Voltage and Over-Current Protection

AOZ1375DI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1375DI Product details

General Description
The AOZ1375DI is a bidirectional current-limited load switch
intended for applications that require circuit protections. The
device operates from voltages between 3.4 V and 23 V and
features two power terminals, VINT and VBUS, which are
rated at 28 V Absolute Maximum. When used as source
switch, the internal current limiting circuit protects the supply
from large load current. The current limit can be set with
an external resistor. The back-to-back switch configuration
blocks any leakage between VINT and VBUS pins when the
device is disabled.
The AOZ1375DI provides over-voltage protection,
short-circuit protection and thermal protection function
that limit excessive power dissipation. The over-voltage
protection threshold is selectable by an external resistor.
The internal soft-start circuitry controls inrush current due
to highly capacitive loads. The soft-start can be adjusted
using an external capacitor. It consumes less than 5 μA in
shutdown.
The AOZ1375DI-01 is available in a 3 mm x 3 mm DFN-12L
package which can operate over -40°C to +85°C temperature
range.

Features
• 17.8 mΩ typical ON resistance
• 3.4 V to 23 V operating input voltage
• VINT and VBUS are both rated 28 V
• Bidirectional operation
• Reverse blocking to completely isolate VINT and
VBUS when disabled
• Programmable current limit
• Short-circuit protection
• Selectable over-voltage protection
• Programmable soft-start
• Under-voltage lockout
• Over-voltage lockout
• Thermal shutdown protection
• ±4 kV HBM ESD rating
• ±8 kV HBM ESD rating for VBUS and VINT
• DFN3x3-12L package
• UL 2367: file no. E495859
• IEC 62368-1: file no. E326264.

Applications
• Thunderbolt/USB Type-C PD power switch
• Notebook/desktop
• Monitors
• Docking station/dongles




Similar Part No. - AOZ1375DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1373DI AOSMD-AOZ1373DI Datasheet
1Mb / 14P
ECPower™ 20V 39mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.0 December 2019
AOZ1373DI-01 AOSMD-AOZ1373DI-01 Datasheet
1Mb / 14P
ECPower™ 20V 39mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.0 December 2019
AOZ1373DI-02 AOSMD-AOZ1373DI-02 Datasheet
1Mb / 14P
ECPower™ 20V 39mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.0 December 2019
AOZ1374DI AOSMD-AOZ1374DI Datasheet
1Mb / 18P
ECPowerTM 23 V 36 mΩ Protection Switch Programmable Current Limit and True Reverse Current Blocking
Rev. 1.0 December 2020
AOZ1374DI-01 AOSMD-AOZ1374DI-01 Datasheet
1Mb / 18P
ECPowerTM 23 V 36 mΩ Protection Switch Programmable Current Limit and True Reverse Current Blocking
Rev. 1.0 December 2020
More results


Similar Description - AOZ1375DI

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6CW-FZ AIMTEC-AM6CW-FZ Datasheet
156Kb / 3P
Over Load and Over Voltage protection
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
Over-Voltage Protection Load Switch
September-2017, Rev. 2
FPF2595 ONSEMI-FPF2595 Datasheet
387Kb / 11P
Over-Voltage, Over-Current Protection Load Switch
March 2016 Rev. 1.4
logo
Will Semiconductor Ltd.
WS3210 WILLSEMI-WS3210 Datasheet
904Kb / 9P
Over-Voltage Protection Load Switch
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
Over-Voltage Protection Load Switch
logo
Shanghai awinic technol...
AW33201 AWINIC-AW33201 Datasheet
931Kb / 17P
Over-Voltage Protection Load Switch
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
Over-Voltage Protection Load Switch
logo
ON Semiconductor
FPF2495C ONSEMI-FPF2495C Datasheet
521Kb / 10P
IntelliMAX 28 V, Over-Voltage, Over-Current Protection Load Switch with Adjustable Current-Limit Control
November, 2021 ??Rev. 1
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com