Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS84 Datasheet (PDF) - Weitron Technology

BSS84 Datasheet PDF - Weitron Technology
Part # BSS84
Download  BSS84 Download
File Size   127.85 Kbytes
Page   4 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Small Signal MOSFET P-Channel

BSS84 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSS84 Datasheet PDF - Weitron Technology

Part # BSS84
Download  BSS84 Click to download

File Size   127.85 Kbytes
Page   4 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Small Signal MOSFET P-Channel

BSS84 Datasheet (HTML) - Weitron Technology


BSS84 Product details

Features:
* Low On-Resistance : 10Ω
* Low Input Capacitance: 30PF
* Low Out put Capacitance : 10PF
* Low Threshole : 2.0V
* Fast Switching Speed : 2.5ns

Application:
* DC to DC Converter
* Cellular & PCMCIA Card
* Cordless Telephone
* Power Management in Portable and Battery etc.




Similar Part No. - BSS84

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS84 PHILIPS-BSS84 Datasheet
89Kb / 12P
P-channel enhancement mode vertical D-MOS transistor
1997 Jun 18
logo
Siemens Semiconductor G...
BSS84 SIEMENS-BSS84 Datasheet
73Kb / 7P
SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
logo
Fairchild Semiconductor
BSS84 FAIRCHILD-BSS84 Datasheet
139Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
BSS84 CET-BSS84 Datasheet
468Kb / 5P
P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
BSS84 DIODES-BSS84 Datasheet
48Kb / 2P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30149 Rev. 5 - 2
More results


Similar Description - BSS84

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
3LP01C ONSEMI-3LP01C Datasheet
259Kb / 6P
P-Channel Small Signal MOSFET
June, 2013
3LP01M ONSEMI-3LP01M Datasheet
265Kb / 6P
P-Channel Small Signal MOSFET
June, 2013
3LP01SS ONSEMI-3LP01SS Datasheet
531Kb / 7P
P-Channel Small Signal MOSFET
July, 2013
5LP01C ONSEMI-5LP01C Datasheet
267Kb / 6P
P-Channel Small Signal MOSFET
July, 2013
5LP01M ONSEMI-5LP01M Datasheet
265Kb / 6P
P-Channel Small Signal MOSFET
July, 2013
5LP01SP ONSEMI-5LP01SP Datasheet
82Kb / 6P
P-Channel Small Signal MOSFET
April, 2014
5LP01S ONSEMI-5LP01S Datasheet
520Kb / 7P
P-Channel Small Signal MOSFET
July, 2013
5LP01SS ONSEMI-5LP01SS Datasheet
283Kb / 6P
P-Channel Small Signal MOSFET
July, 2013
NTND31200PZ ONSEMI-NTND31200PZ Datasheet
76Kb / 5P
Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
NTND31211PZ ONSEMI-NTND31211PZ Datasheet
75Kb / 5P
Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com