Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1284632 Datasheet (PDF) - PHOENIX CONTACT

1284632 Datasheet PDF - PHOENIX CONTACT
Part # 1284632
Download  1284632 Download
File Size   257.68 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Connector - PV-C4M-S 6-16 (-)

1284632 Datasheet (PDF)

Go To PDF Page Download Datasheet
1284632 Datasheet PDF - PHOENIX CONTACT

Part # 1284632
Download  1284632 Click to download

File Size   257.68 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Connector - PV-C4M-S 6-16 (-)

1284632 Datasheet (HTML) - PHOENIX CONTACT


1284632 Product details

Photovoltaic connector, Range of articles: SUNCLIX, Connector, housing material: PPE, color:
black, number of positions: 1, min. conductor cross section: 6 mm2, max. conductor cross
section: 16 mm2, rated voltage: 1500 V DC, rated current: 60 A, Connection method: Springcage,
Type of contact: Pin, min. cable diameter: 5.5 mm, max. cable diameter: 10 mm

Your advantages
• Convenient, secure spring connection technology
• High yield, thanks to silver-plated contacts
• Convenient release without a special tool
• One-piece DC connector




Similar Part No. - 1284632

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1284634 PHOENIX-1284634 Datasheet
253Kb / 9P
Connector - PV-C4F-S 6-16 ()
More results


Similar Description - 1284632

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1020775 PHOENIX-1020775 Datasheet
71Kb / 3P
Connector - PV-C4M-S 2,5-6
1020776 PHOENIX-1020776 Datasheet
65Kb / 2P
Connector - PV-C4F-S 2,5-6
1774674 PHOENIX-1774674 Datasheet
73Kb / 4P
Plug-in connector - PV-CF-S 2,5-6 ()
1774687 PHOENIX-1774687 Datasheet
76Kb / 4P
Plug-in connector - PV-CM-S 2,5-6 (-)
1789821 PHOENIX-1789821 Datasheet
68Kb / 3P
Connector - PV-C1F-S 2,5-6 ()
1789834 PHOENIX-1789834 Datasheet
69Kb / 3P
Connector - PV-C1M-S 2,5-6 (-)
1790784 PHOENIX-1790784 Datasheet
68Kb / 3P
Connector - PV-CF-S 6-16 ()
1790797 PHOENIX-1790797 Datasheet
69Kb / 3P
Connector - PV-CM-S 6-16 (-)
1284634 PHOENIX-1284634 Datasheet
253Kb / 9P
Connector - PV-C4F-S 6-16 ()
1231075 PHOENIX-1231075 Datasheet
244Kb / 9P
ES-C4M-S-CO2 - Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com