Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1378148 Datasheet (PDF) - PHOENIX CONTACT

1378148 Datasheet PDF - PHOENIX CONTACT
Part # 1378148
Download  1378148 Download
File Size   620.05 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - DD21PC 0,85/16-2,5-Y

1378148 Datasheet (PDF)

Go To PDF Page Download Datasheet
1378148 Datasheet PDF - PHOENIX CONTACT

Part # 1378148
Download  1378148 Click to download

File Size   620.05 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - DD21PC 0,85/16-2,5-Y

1378148 Datasheet (HTML) - PHOENIX CONTACT


1378148 Product details

PCB connector, color: black, nominal current: 5 A, rated voltage (III/2): 160 V, type of contact:
Female connector, number of rows: 2, number of positions: 16, product range: DD21PC 0,85/,
pitch: 2.5 mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °,
locking clip: - without locking clip, plug-in system: CONNEXIS DD, locking: Snap-in locking,
mounting: Self-locking flange, type of packaging: packed in cardboard

Your advantages
• Cost-effective connection of crimped conductors in large quantities
• Small component size for applications where space is at a premium
• Intuitive locking mechanism prevents accidental disconnection
• Tools for automatic crimping available as an option




Similar Part No. - 1378148

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1378141 PHOENIX-1378141 Datasheet
313Kb / 7P
PCB header - DD21H 0,85/16-H-2,5-Y
1378142 PHOENIX-1378142 Datasheet
312Kb / 7P
PCB header - DD21H 0,85/12-H-2,5-Y
1378143 PHOENIX-1378143 Datasheet
311Kb / 7P
PCB header - DD21H 0,85/10-H-2,5-Y
1378144 PHOENIX-1378144 Datasheet
310Kb / 7P
PCB header - DD21H 0,85/ 8-H-2,5-Y
1378146 PHOENIX-1378146 Datasheet
309Kb / 7P
PCB header - DD21H 0,85/ 6-H-2,5-Y
More results


Similar Description - 1378148

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1378147 PHOENIX-1378147 Datasheet
619Kb / 8P
PCB connector - DD21PC 0,85/20-2,5-Y
1378149 PHOENIX-1378149 Datasheet
621Kb / 8P
PCB connector - DD21PC 0,85/12-2,5-Y
1378151 PHOENIX-1378151 Datasheet
618Kb / 8P
PCB connector - DD21PC 0,85/10-2,5-Y
1378152 PHOENIX-1378152 Datasheet
617Kb / 8P
PCB connector - DD21PC 0,85/ 8-2,5-Y
1378153 PHOENIX-1378153 Datasheet
616Kb / 8P
PCB connector - DD21PC 0,85/ 6-2,5-Y
1378317 PHOENIX-1378317 Datasheet
617Kb / 8P
PCB connector - DD21PC 0,85/ 6-2,5-X
1378318 PHOENIX-1378318 Datasheet
617Kb / 8P
PCB connector - DD21PC 0,85/ 8-2,5-X
1378320 PHOENIX-1378320 Datasheet
621Kb / 8P
PCB connector - DD21PC 0,85/12-2,5-X
1378321 PHOENIX-1378321 Datasheet
620Kb / 8P
PCB connector - DD21PC 0,85/16-2,5-X
1378102 PHOENIX-1378102 Datasheet
414Kb / 7P
PCB connector - DD21PC 0,85/12-2,5-Z
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com