Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSHG5510 Datasheet (PDF) - Vishay Siliconix

TSHG5510 Datasheet PDF - Vishay Siliconix
Part # TSHG5510
Download  TSHG5510 Download
File Size   92.96 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero

TSHG5510 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSHG5510 Datasheet PDF - Vishay Siliconix

Part # TSHG5510
Download  TSHG5510 Click to download

File Size   92.96 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero

TSHG5510 Datasheet (HTML) - Vishay Siliconix


TSHG5510 Product details

DESCRIPTION
TSHG5510 is an infrared, 830 nm emitting diode in GaAlAs
double hetero (DH) technology with high radiant power and
high speed, molded in a clear, untinted plastic package.

FEATURES
• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm): Ø 5
• Leads with stand-off
• Peak wavelength: λp = 830 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity: ϕ = ± 38°
• Low forward voltage
• Suitable for high pulse current operation
• High modulation bandwidth: fc = 24 MHz
• Good spectral matching to Si photodetectors
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC




Similar Part No. - TSHG5510

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHG5510 VISHAY-TSHG5510 Datasheet
104Kb / 5P
High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
25-Jun-09
TSHG5510 VISHAY-TSHG5510 Datasheet
95Kb / 5P
High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
23-Aug-11
TSHG5510 VISHAY-TSHG5510 Datasheet
93Kb / 5P
High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
23-Aug-11
TSHG5510 VISHAY-TSHG5510_11 Datasheet
95Kb / 5P
High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
23-Aug-11
TSHG5510 VISHAY-TSHG5510_V01 Datasheet
93Kb / 5P
High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
23-Aug-11
More results


Similar Description - TSHG5510

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHG5510 VISHAY-TSHG5510 Datasheet
104Kb / 5P
High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
25-Jun-09
TSHG8200 VISHAY-TSHG8200_09 Datasheet
101Kb / 5P
High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
02-Jul-09
TSHG8400 VISHAY-TSHG8400_09 Datasheet
101Kb / 5P
High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
02-Jul-09
VSMG2700 VISHAY-VSMG2700_09 Datasheet
137Kb / 6P
High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
03-Nov-09
TSHG5510 VISHAY-TSHG5510_11 Datasheet
95Kb / 5P
High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
23-Aug-11
VSMG2720 VISHAY-VSMG2720_13 Datasheet
133Kb / 6P
High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
24-Sep-13
TSHG8200 VISHAY-TSHG8200_V01 Datasheet
113Kb / 5P
High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
23-Aug-11
TSHG8400 VISHAY-TSHG8400_V01 Datasheet
104Kb / 5P
High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
03-Sep-13
VSMG2720 VISHAY-VSMG2720_V01 Datasheet
144Kb / 6P
High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
15-Jul-2020
TSHG8400 VISHAY-TSHG8400_V02 Datasheet
103Kb / 5P
High Speed Infrared Emitting Diode, 830 nm, GaAlAs Double Hetero
03-Sep-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com