Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRF0505S-2W Datasheet (PDF) - Guangzhou Reicu Electronic Technology Co., Ltd

WRF0505S-2W Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd
Part # WRF0505S-2W
Download  WRF0505S-2W Download
File Size   970.7 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description 3000VDC Isolated 2W Single/Double Output SIP-Package

WRF0505S-2W Datasheet (PDF)

Go To PDF Page Download Datasheet
WRF0505S-2W Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd

Part # WRF0505S-2W
Download  WRF0505S-2W Click to download

File Size   970.7 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description 3000VDC Isolated 2W Single/Double Output SIP-Package

WRF0505S-2W Datasheet (HTML) - Guangzhou Reicu Electronic Technology Co., Ltd


WRF0505S-2W Product details

Features
Efficiency up to 80%
3000VDC Isolation
Wide temperature -40℃ to 85℃
Singl/Double output
2:1 Wide input voltage range
Continous short circuit protection
Remote On/Off Control
Low ripple and noise
Regulated output




Similar Part No. - WRF0505S-2W

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
WRF0505S-1W REICU-WRF0505S-1W Datasheet
1Mb / 1P
3000VDC Isolated 1W Single/Double Output SIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
WRF0505S-1WR2 MORNSUN-WRF0505S-1WR2 Datasheet
806Kb / 7P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
WRF0505S-3W REICU-WRF0505S-3W Datasheet
457Kb / 1P
3000VDC Isolated 2W Single/Double Output SIP-Package
REV:3.1
logo
RSG Electronic Componen...
WRF0505S-3WR2 RSG-WRF0505S-3WR2 Datasheet
658Kb / 7P
Ultra-Miniature SIP Package
logo
MORNSUN Science& Techno...
WRF0505S-3WR2 MORNSUN-WRF0505S-3WR2 Datasheet
809Kb / 7P
REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
More results


Similar Description - WRF0505S-2W

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
E0505S-1W REICU-E0505S-1W Datasheet
1Mb / 1P
3000VDC Isolated 1W Double Output SIP/DIP-Package
REV:3.1
E0505S-2W REICU-E0505S-2W Datasheet
800Kb / 1P
3000VDC Isolated 2W Double Output SIP/DIP-Package
REV:3.1
F0505S-2W REICU-F0505S-2W Datasheet
1,006Kb / 1P
3000VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
G0505S-2W REICU-G0505S-2W Datasheet
437Kb / 1P
6000VDC Isolated 2W Double Output SIP-Package
REV:3.1
IE0505S-1W REICU-IE0505S-1W Datasheet
1Mb / 1P
3000VDC Isolated 1W Double Output SIP-Package
REV:3.1
IE0505S-2W REICU-IE0505S-2W Datasheet
2Mb / 1P
3000VDC Isolated 2W Double Output SIP-Package
REV:3.1
IF0505S-2W REICU-IF0505S-2W Datasheet
2Mb / 1P
3000VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
WRB0505S-2W REICU-WRB0505S-2W Datasheet
1Mb / 1P
1600VDC Isolated 2W Single/Double Output SIP-Package
REV:3.1
WRF0505S-1W REICU-WRF0505S-1W Datasheet
1Mb / 1P
3000VDC Isolated 1W Single/Double Output SIP-Package
REV:3.1
WRF0505S-3W REICU-WRF0505S-3W Datasheet
457Kb / 1P
3000VDC Isolated 2W Single/Double Output SIP-Package
REV:3.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com