Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCNL3036-GS08 Datasheet (PDF) - Vishay Siliconix

VCNL3036-GS08 Datasheet PDF - Vishay Siliconix
Part # VCNL3036-GS08
Download  VCNL3036-GS08 Download
File Size   226.51 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Resolution Digital Biosensor for Wearable Applications With I2C Interface

VCNL3036-GS08 Datasheet (PDF)

Go To PDF Page Download Datasheet
VCNL3036-GS08 Datasheet PDF - Vishay Siliconix

Part # VCNL3036-GS08
Download  VCNL3036-GS08 Click to download

File Size   226.51 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Resolution Digital Biosensor for Wearable Applications With I2C Interface

VCNL3036-GS08 Datasheet (HTML) - Vishay Siliconix


VCNL3036-GS08 Product details

DESCRIPTION
VCNL3036 integrates a biosensor (BIO), a mux, and a driver
for up to 3 external IREDs / LEDs into one small package. It
incorporates photodiodes, amplifiers, and analog to digital
converting circuits into a single chip by CMOS process. BIO
programmable interrupt features of individual high and low
thresholds offers the best utilization of resource and power
saving on the microcontroller.
The biosensor features an intelligent cancellation scheme,
so that cross talk phenomenon is eliminated effectively. To
accelerate the BIO response time, smart persistence
prevents the misjudgment of proximity sensing but also
keeps a fast response time. Active force mode, one time
trigger by one instruction, is another good approach for
more design flexibility to fulfill different kinds of applications
with more power saving.
VCNL3036 provides an excellent temperature
compensation capability for keeping output stable under
various temperature configurations. BIO functions are easily
operated via the simple command format of I2C (SMBus
compatible) interface protocol. Operating voltage
ranges from 2.5 V to 3.6 V. VCNL3036 is packaged in a
lead (Pb)-free 8-pin QFN package, which offers the best
market-proven reliability quality

FEATURES
• Package type: surface-mount
• Dimensions (L x W x H in mm): 4.0 x 2.36 x 0.75
• Integrated modules: biosensor (BIO), photo
diode (PD), and signal conditioning IC
• Temperature compensation: -25 °C to +85 °C
• Low power consumption I2C (SMBus
compatible) interface
• Output type: I2C bus
• Operation voltage: 2.5 V to 3.6 V
• Floor life: 168 h, MSL 3, according to J-STD-020
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
OPTICAL BIOSENSORS FUNCTION




Similar Part No. - VCNL3036-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL3036-GS08 VISHAY-VCNL3036-GS08 Datasheet
225Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
18-Mar-2020
More results


Similar Description - VCNL3036-GS08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100 TI-TMP100 Datasheet
221Kb / 10P
Digital Temperature Sensor with I2C Interface
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
logo
Vishay Siliconix
VCNL4020C VISHAY-VCNL4020C Datasheet
224Kb / 16P
High Resolution Digital Biosensor for Wearable Applications with I2C Interface
12-Jul-16
VCNL3036 VISHAY-VCNL3036 Datasheet
226Kb / 16P
High Resolution Digital Biosensor for Wearable Applications
18-Mar-2020
VCNL3036X01 VISHAY-VCNL3036X01 Datasheet
238Kb / 16P
High Resolution Digital Proximity Sensor With I2C Interface
12-Aug-2020
VCNL3036 VISHAY-VCNL3036_V01 Datasheet
225Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
18-Mar-2020
VCNL4020C VISHAY-VCNL4020C_V01 Datasheet
215Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
20-Mar-18
VCNL3036X01 VISHAY-VCNL3036X01_V01 Datasheet
239Kb / 16P
High Resolution Digital Proximity Sensor With I2C Interface
12-Aug-2020
VCNL4020C VISHAY-VCNL4020C_V02 Datasheet
215Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
20-Mar-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com