Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCNL36825T Datasheet (PDF) - Vishay Siliconix

VCNL36825T Datasheet PDF - Vishay Siliconix
Part # VCNL36825T
Download  VCNL36825T Download
File Size   244.32 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Proximity Sensor With Interrupt, VCSEL, and I2C Interface

VCNL36825T Datasheet (PDF)

Go To PDF Page Download Datasheet
VCNL36825T Datasheet PDF - Vishay Siliconix

Part # VCNL36825T
Download  VCNL36825T Click to download

File Size   244.32 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Proximity Sensor With Interrupt, VCSEL, and I2C Interface

VCNL36825T Datasheet (HTML) - Vishay Siliconix


VCNL36825T Product details

DESCRIPTION
VCNL36825T integrates a proximity sensor (PS), and a
VCSEL into one small package. It incorporates photodiodes,
amplifiers, and analog to digital converting circuits into a
single chip by CMOS process. PS programmable interrupt
features of individual high and low thresholds offers the best
utilization of resource and power saving on the
microcontroller.

FEATURES
• Package type: surface-mount
• Dimensions (L x W x H in mm): 2.0 x 1.25 x 0.5
• Integrated modules: vertical cavity surface
emitting laser (VCSEL), proximity sensor (PS),
and signal conditioning IC
• Interrupt function
• 1.6 mm single hole opening design
• Supply voltage range VDD: 2.64 V to 3.6 V
• Low power consumption I2C (SMBus compatible
interface)
• Output type: I2C bus
• Temperature compensation: -40 °C to +85 °C
• Floor life: 168 h, MSL 3, according to J-STD-020
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VCNL36825T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL36825T VISHAY-VCNL36825T Datasheet
243Kb / 16P
Proximity Sensor With Interrupt, VCSEL, and I2C Interfaces
14-Sep-2021
More results


Similar Description - VCNL36825T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL3020 VISHAY-VCNL3020 Datasheet
188Kb / 13P
Fully Integrated Proximity Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
25-Jun-12
VCNL3040 VISHAY-VCNL3040 Datasheet
254Kb / 17P
Proximity Sensor With Interrupt, IRED, and I2C Interface
23-Sep-2020
VCNL3020 VISHAY-VCNL3020_V01 Datasheet
186Kb / 13P
Fully Integrated Proximity Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL3030X01 VISHAY-VCNL3030X01 Datasheet
269Kb / 16P
Fully Integrated Proximity Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
12-Aug-2020
VCNL36687S VISHAY-VCNL36687S Datasheet
232Kb / 16P
Proximity Sensor With VCSEL in Single Package, I2C Interface
01-Feb-2022
VCNL36825T VISHAY-VCNL36825T Datasheet
243Kb / 16P
Proximity Sensor With Interrupt, VCSEL, and I2C Interfaces
14-Sep-2021
VCNL36826S VISHAY-VCNL36826S Datasheet
209Kb / 16P
Proximity Sensor With Interrupt, VCSEL, and I2C Interface
01-Feb-2022
VCNL3040 VISHAY-VCNL3040_V01 Datasheet
255Kb / 17P
Proximity Sensor With Interrupt, IRED, and I2C Interface
23-Sep-2020
VCNL36687S VISHAY-VCNL36687S_V02 Datasheet
233Kb / 16P
Proximity Sensor With VCSEL in Single Package, I2C Interface
01-Feb-2022
VCNL36826S VISHAY-VCNL36826S_V01 Datasheet
209Kb / 16P
Proximity Sensor With Interrupt, VCSEL, and I2C Interface
01-Feb-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com