Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCNL4035X01 Datasheet (PDF) - Vishay Siliconix

VCNL4035X01 Datasheet PDF - Vishay Siliconix
Part # VCNL4035X01_V02
Download  VCNL4035X01 Download
File Size   269.2 Kbytes
Page   18 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fully Integrated Proximity and Ambient Light Sensor With 2C Interface and Interrupt Function for Gesture Applications

VCNL4035X01 Datasheet (PDF)

Go To PDF Page Download Datasheet
VCNL4035X01 Datasheet PDF - Vishay Siliconix

Part # VCNL4035X01_V02
Download  VCNL4035X01 Click to download

File Size   269.2 Kbytes
Page   18 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fully Integrated Proximity and Ambient Light Sensor With 2C Interface and Interrupt Function for Gesture Applications

VCNL4035X01 Datasheet (HTML) - Vishay Siliconix


VCNL4035X01 Product details

DESCRIPTION
VCNL4035X01 integrates a proximity sensor (PS),
ambient light sensor (ALS), a muxx, and a driver for up
to 3 external IREDs / LEDs into one small package. It
incorporates photodiodes, amplifiers, and analog to digital
converting circuits into a single chip by CMOS process. The
16-bit high resolution ALS offers excellent sensing
capabilities with sufficient selections to fulfill most
applications whether dark or high transparency lens design.
Both ALS and PS programmable interrupt features of
individual high and low thresholds offers the best utilization
of resource and power saving on the microcontroller.
The proximity sensor features an intelligent cancellation
scheme, so that cross talk phenomenon is eliminated
effectively. To accelerate the PS response time, smart
persistence prevents the misjudgment of proximity sensing
but also keeps a fast response time. Active force mode, one
time trigger by one instruction, is another good approach for
more design flexibility to fulfill different kinds of applications
with more power saving.
The adoption of patented FiltronTM technology achieves the
closest ambient light spectral sensitivity to real human eye
responses and offers the best background light cancellation
capability (including sunlight) without utilizing the
microcontrollers’ resources. VCNL4035X01 provides an
excellent temperature compensation capability for keeping
output stable under various temperature configurations.
ALS and PS functions are easily operated via the simple
command format of I2C (SMBus compatible) interface
protocol. Operating voltage ranges from 2.5 V to 3.6 V.
VCNL4035X01 is packaged in a lead-free 8-pin QFN
package, which offers the best market-proven reliability
quality

FEATURES
• Package type: surface-mount
• Dimensions (L x W x H in mm): 4.0 x 2.36 x 0.75
• AEC-Q101 qualified
• Integrated modules: ambient light sensor
(ALS), proximity sensor (PS), and signal
conditioning ICL
• Operates ALS and PS in parallel structure
• FiltronTM technology adoption for robust
background light cancellation
• Temperature compensation: -40 °C to +105 °C
• Low power consumption I2C (SMBus compatible)
interface
• Output type: I2C bus (ALS / PS)
• Operation voltage: 2.5 V to 3.6 V
• Floor life: 168 h, MSL 3, according to J-STD-020
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VCNL4035X01_V02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4035X01 VISHAY-VCNL4035X01_V01 Datasheet
268Kb / 18P
Fully Integrated Proximity and Ambient Light Sensor With I2C Interface and Interrupt Function for Gesture Applications
18-Mar-2020
More results


Similar Description - VCNL4035X01_V02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4010 VISHAY-VCNL4010 Datasheet
206Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
23-Feb-12
VCNL4010-GS08 VISHAY-VCNL4010-GS08 Datasheet
205Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
29-Oct-13
VCNL4020X01 VISHAY-VCNL4020X01 Datasheet
226Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
13-Aug-14
VCNL4035X01 VISHAY-VCNL4035X01 Datasheet
258Kb / 18P
Fully Integrated Proximity and Ambient Light Sensor with I2C Interface and Interrupt Function for Gesture Applications
10-Mar-17
VCNL4035X01 VISHAY-VCNL4035X01_V01 Datasheet
268Kb / 18P
Fully Integrated Proximity and Ambient Light Sensor With I2C Interface and Interrupt Function for Gesture Applications
18-Mar-2020
VCNL3020 VISHAY-VCNL3020_V02 Datasheet
187Kb / 13P
Fully Integrated Proximity Sensor With Infrared Emitter, 2C Interface, and Interrupt Function
20-Mar-18
VCNL4010 VISHAY-VCNL4010_V02 Datasheet
209Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4020X01 VISHAY-VCNL4020X01_V02 Datasheet
217Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4020 VISHAY-VCNL4020_V02 Datasheet
213Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4030X01 VISHAY-VCNL4030X01_V01 Datasheet
314Kb / 20P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
18-Mar-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com