Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEML7700 Datasheet (PDF) - Vishay Siliconix

VEML7700 Datasheet PDF - Vishay Siliconix
Part # VEML7700
Download  VEML7700 Download
File Size   252.7 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Accuracy Ambient Light Sensor With I2C Interface

VEML7700 Datasheet (PDF)

Go To PDF Page Download Datasheet
VEML7700 Datasheet PDF - Vishay Siliconix

Part # VEML7700
Download  VEML7700 Click to download

File Size   252.7 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Accuracy Ambient Light Sensor With I2C Interface

VEML7700 Datasheet (HTML) - Vishay Siliconix


VEML7700 Product details

DESCRIPTION
VEML7700 is a high accuracy ambient light digital 16-bit
resolution sensor in a miniature transparent 6.8 mm x
2.35 mm x 3.0 mm package. It includes a high sensitive
photo diode, a low noise amplifier, a 16-bit A/D converter
and supports an easy to use I2C bus communication
interface.
The ambient light result is as digital value available.

FEATURES
• Package type: surface-mount
• Package: side view
• Dimensions (L x W x H in mm): 6.8 x 2.35 x 3.0
• Integrated modules: ambient light sensor (ALS)
• Supply voltage range VDD: 2.5 V to 3.6 V
• Communication via I2C interface
• Floor life: 72 h, MSL 4, according to J-STD-020
• Low shut down current consumption: typ. 0.5 μA
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VEML7700

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEML7700 VISHAY-VEML7700 Datasheet
204Kb / 12P
High Accuracy Ambient Light Sensor with IC Interface
19-Nov-15
VEML7700 VISHAY-VEML7700 Datasheet
260Kb / 13P
High Accuracy Ambient Light Sensor With I2C Interface
02-Jun-17
VEML7700 VISHAY-VEML7700 Datasheet
252Kb / 15P
High Accuracy Ambient Light Sensor With I2C Interface
28-Apr-2022
VEML7700-TR VISHAY-VEML7700-TR Datasheet
260Kb / 13P
High Accuracy Ambient Light Sensor With I2C Interface
02-Jun-17
VEML7700-TR VISHAY-VEML7700-TR Datasheet
252Kb / 15P
High Accuracy Ambient Light Sensor With I2C Interface
28-Apr-2022
More results


Similar Description - VEML7700

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
LV0104CS ONSEMI-LV0104CS Datasheet
225Kb / 9P
Ambient Light Sensor, I2C Interface
April 2015- Rev. 2
logo
Vishay Siliconix
VEML7700 VISHAY-VEML7700 Datasheet
204Kb / 12P
High Accuracy Ambient Light Sensor with IC Interface
19-Nov-15
VEML6030 VISHAY-VEML6030 Datasheet
229Kb / 15P
High Accuracy Ambient Light Sensor with I2C Interface
24-May-16
VEML6031X00 VISHAY-VEML6031X00 Datasheet
241Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
19-May-2021
VEML6030 VISHAY-VEML6030_V01 Datasheet
232Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
28-Apr-2022
VEML6031X00 VISHAY-VEML6031X00_V01 Datasheet
244Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
15-Oct-2021
VEML7700 VISHAY-VEML7700_V01 Datasheet
252Kb / 15P
High Accuracy Ambient Light Sensor With I2C Interface
28-Apr-2022
VEML6030 VISHAY-VEML6030_V02 Datasheet
232Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
28-Apr-2022
VEML6031X00 VISHAY-VEML6031X00_V02 Datasheet
244Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
15-Oct-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com