Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ8211DI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8211DI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8211DI
Download  AOZ8211DI Download
File Size   314.67 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 0ne-line TVS Diode

AOZ8211DI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8211DI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8211DI
Download  AOZ8211DI Click to download

File Size   314.67 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 0ne-line TVS Diode

AOZ8211DI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ8211DI Product details

General Description
The AOZ8211DI is a one-line transient voltage
suppressor diode designed to protect voltage sensitive
electronics from high transient conditions and ESD.
This device incorporates one TVS diode in an ultra-small
DFN 1.0 mm x 0.6 mm package. During transient
conditions, the one-line TVS diode directs the transient to
ground. It may be used to meet the ESD immunity
requirements of IEC 61000-4-2, Level 4 (±15 kV air,
±8 kV contact discharge).
The AOZ8211DI comes in an RoHS compliant package
and is rated over a -40 °C to +85 °C ambient temperature
range.
The ultra-small 1.0 mm x 0.6 mm x 0.5 mm DFN package
makes the AOZ8211DI ideal for applications where PCB
space is at a premium. The small size and high ESD
protection makes the AOZ8211DI ideal for protecting
voltage sensitive electronics from high transient
conditions and ESD.

Features
 ESD protection for high-speed data lines:
AOZ8211DI-02
– Exceeds: IEC 61000-4-2 (ESD) ±30 kV (air),
±30 kV (contact)
– Human Body Model (HBM) ±30 kV
AOZ8211DI-03
– Exceeds: IEC 61000-4-2 (ESD) ±30 kV (air),
±30 kV (contact)
– Human Body Model (HBM) ±30 kV
AOZ8211DI-05
– Exceeds: IEC 61000-4-2 (ESD) ±28 kV (air),
±28 kV (contact)
– Human Body Model (HBM) ±30 kV
AOZ8211DI-12
– Exceeds: IEC 61000-4-2 (ESD) ±28 kV (air),
±28 kV (contact)
– Human Body Model (HBM) ±30 kV
AOZ8211DI-24
– Exceeds: IEC 61000-4-2 (ESD) ±15 kV (air),
±18 kV (contact)
– Human Body Model (HBM) ±30 kV
 Small package saves board space
 Low insertion loss
 Low clamping voltage
 Low operating voltage: 2.5 V, 3.3 V, 5 V, 12 V and 24 V

Applications
 Portable handheld devices
 Keypads, data lines, buttons
 Notebook computers
 Digital cameras
 Portable GPS
 MP3 players




Similar Part No. - AOZ8211DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8211DI-02 AOSMD-AOZ8211DI-02 Datasheet
362Kb / 7P
0ne-line TVS Diode
AOZ8211DI-03 AOSMD-AOZ8211DI-03 Datasheet
362Kb / 7P
0ne-line TVS Diode
AOZ8211DI-05 AOSMD-AOZ8211DI-05 Datasheet
362Kb / 7P
0ne-line TVS Diode
AOZ8211DI-12 AOSMD-AOZ8211DI-12 Datasheet
362Kb / 7P
0ne-line TVS Diode
AOZ8211DI-24 AOSMD-AOZ8211DI-24 Datasheet
362Kb / 7P
0ne-line TVS Diode
More results


Similar Description - AOZ8211DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8222DI-05 AOSMD-AOZ8222DI-05 Datasheet
263Kb / 7P
Two-line TVS Diode
AOZ8234 AOSMD-AOZ8234 Datasheet
287Kb / 6P
Four-line TVS Diode
AOZ8235 AOSMD-AOZ8235 Datasheet
291Kb / 6P
Five-line TVS Diode
AOZ8211DI-05 AOSMD-AOZ8211DI-05 Datasheet
362Kb / 7P
0ne-line TVS Diode
logo
Shenzhen Luguang Electr...
GESD5V0D1 LUGUANG-GESD5V0D1 Datasheet
215Kb / 3P
Single Line TVS Diode
logo
KEC(Korea Electronics)
PG24GSUSC KEC-PG24GSUSC Datasheet
551Kb / 2P
Single Line TVS Diode
logo
Galaxy Semi-Conductor H...
GESDXVXD3 BILIN-GESDXVXD3 Datasheet
234Kb / 5P
Single Line TVS Diode
Rev.A
SD05 BILIN-SD05 Datasheet
172Kb / 4P
Single Line TVS Diode
Rev.A 1000-4-2
SD24 BILIN-SD24 Datasheet
196Kb / 3P
Single Line TVS Diode
Rev.A
logo
Alpha & Omega Semicondu...
AOZ8201 AOSMD-AOZ8201 Datasheet
334Kb / 6P
One-line TVS Diode
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com