Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ18101DI-01 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ18101DI-01 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ18101DI-01
Download  AOZ18101DI-01 Download
File Size   1136.36 Kbytes
Page   14 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET

AOZ18101DI-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ18101DI-01 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ18101DI-01
Download  AOZ18101DI-01 Click to download

File Size   1136.36 Kbytes
Page   14 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET

AOZ18101DI-01 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ18101DI-01 Product details

General Description
AOZ18101DI-01/02 is a current-limiting over-voltage
protection eFuse targeting applications that require front
end protection at the input line. Both VIN and VOUT
terminals are rated at 22 V absolute maximum. There
is a programmable soft-start feature that controls the
inrush current for highly capacitive loads. It also has Input
Under-Voltage Lock Out (UVLO), Input Over-Voltage Output
Clamp (OVC), and Thermal Shut Down Protection (TSD).
AOZ18101DI-01/02 has built-in blocking FET for True
Reverse Current Blocking (TRCB). For application flexibility,
an external blocking FET control pin is also available if
standalone MOSFET is preferred. It also features an internal
current-limiting circuit that protects the supply from large load
current. The current limit threshold can be set externally with
a resistor. It will auto-restart after the fault conditions are
released.
AOZ18101DI-01 is auto-restart version after fault condition.
AOZ18101DI-02 is latch-off version after fault is detected.
Both are available in small 3 mm x 3 mm 10-pin DFN package.
AOZ18101DI-01 is pin to pin compatible with TPS259241.
AOZ18101DI-02 is pin to pin compatible with TPS259240.

Features
• 3.5 V to 14 V input voltage operating range
• 22 V abs max voltage rating on VIN and VOUT pin
• Typical RON: 20 mΩ
• 1 A to 5 A programmable current limit
• Built-in blocking FET for True Reverse Current Blocking
(TRCB)
• Programmable output soft start time
• Fast Over Current Protection (OCP)
• Input Over-Voltage Output Clamp (OVC)
• Input Under-Voltage Lock Out (UVLO)
• Thermal Shut Down Protection (TSD)
• ±2 kV HBM ESD rating
• ±1 kV CDM ESD rating
• IEC 61000-4-2: ±8 kV on VIN and VOUT
• IEC 61000-4-5: ± 40 V on VIN, No cap
• IEC 62368-1: 2014 Certificate No US-40222-UL

Applications
• Servers
• HDD and SSD drivers
• PCI cards
• Networking




Similar Part No. - AOZ18101DI-01

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ18101DI-03 AOSMD-AOZ18101DI-03 Datasheet
1Mb / 13P
14 V 20 mΩ Over-Voltage Protection Efuse
Rev. 1.0 December 2021
AOZ18101DI-04 AOSMD-AOZ18101DI-04 Datasheet
1Mb / 13P
14 V 20 mΩ Over-Voltage Protection Efuse
Rev. 1.0 December 2021
More results


Similar Description - AOZ18101DI-01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
5V/12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
5V eFuse with Over Voltage Protection and Blocking FET Control
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
4.5V to 18-V eFuse with Blocking FET Control
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
12-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592ZA TI1-TPS2592ZA Datasheet
1Mb / 30P
4.5-V to 18-V eFuse with Blocking FET Control
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
Alpha & Omega Semicondu...
AOZ18101DI-03 AOSMD-AOZ18101DI-03 Datasheet
1Mb / 13P
14 V 20 mΩ Over-Voltage Protection Efuse
Rev. 1.0 December 2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com