Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS2622 Datasheet (PDF) - Weitron Technology

STS2622 Datasheet PDF - Weitron Technology
Part # STS2622
Download  STS2622 Download
File Size   453.69 Kbytes
Page   6 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Dual N-Channel Enhancement Mode MOSFET

STS2622 Datasheet (PDF)

Go To PDF Page Download Datasheet
STS2622 Datasheet PDF - Weitron Technology

Part # STS2622
Download  STS2622 Click to download

File Size   453.69 Kbytes
Page   6 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Dual N-Channel Enhancement Mode MOSFET

STS2622 Datasheet (HTML) - Weitron Technology


STS2622 Product details

Features:
* Super High Dense Cell Design For Low RDS(ON)
   RDS(ON) < 80mΩ@VGS=4.5V
* Rugged and Reliable
* Capable of 2.5V Gate Drive
* Simple Drive Requirement
* SOT-26 Package




Similar Part No. - STS2622

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STS2622 SAMHOP-STS2622 Datasheet
615Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor
STS2622A SAMHOP-STS2622A Datasheet
171Kb / 7P
Super high dense cell design for low RDS(ON).
logo
VBsemi Electronics Co.,...
STS2622A VBSEMI-STS2622A Datasheet
521Kb / 9P
Dual N-Channel 20 V (D-S) MOSFET
More results


Similar Description - STS2622

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026 Datasheet
256Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTDN8233X6 CYSTEKEC-MTDN8233X6 Datasheet
290Kb / 8P
Dual N -Channel Enhancement Mode MOSFET
MTDN8810T8 CYSTEKEC-MTDN8810T8 Datasheet
423Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026_10 Datasheet
236Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
SPN2622 SYNC-POWER-SPN2622 Datasheet
188Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG1026UV DIODES-DMG1026UV Datasheet
240Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Stanson Technology
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
Dual N Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com